Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9511 Datasheet (PDF) - STMicroelectronics

TS9511 Datasheet PDF - STMicroelectronics
Part # TS9511
Download  TS9511 Download
File Size   505.82 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision rail-to-rail input/output 3 MHz single operational amplifier

TS9511 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS9511 Datasheet PDF - STMicroelectronics

Part # TS9511
Download  TS9511 Click to download

File Size   505.82 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision rail-to-rail input/output 3 MHz single operational amplifier

TS9511 Datasheet (HTML) - STMicroelectronics


TS9511 Product details

Description
The TS9511 device is a single, precision rail-to-rail operational amplifier whose supply voltage range extends from 2.7 V to 12 V. Its high-precision performance associated with an SOT23-5 package make it suitable for a wide range of demanding applications, such as industrial, automotive, consumer, and computer applications. 2XW What if we commit to six months? 9&& ,1 9&& ,1 2XW What if we commit to six months? 9&& ,1 9&& ,1 TS9511ILT/TS9511IYLT TS9511RILT/TS9511RIYLT

Features
■ Good precision: 800 µV max.
■ Rail-to-rail input and output
■ Wide supply voltage range: 2.7 V to 12 V
■ High-speed (3 MHz, 1 V/µs)
■ Low consumption (900 µA at 3 V)
■ Supply voltage rejection ratio: 85 dB
■ Micropackage: SOT23-5

Applications
■ Signal conditioning
■ Automotive applications
■ Laptop/notebook computers
■ Transformer/line drivers
■ Personal entertainment (CD players)
■ Portable communication (cell phones, pagers)
■ Digital-to-analog converter buffers
■ Portable headphone speaker drivers




Similar Part No. - TS9511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
TS951 STMICROELECTRONICS-TS951 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
TS951I STMICROELECTRONICS-TS951I Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
TS951ID STMICROELECTRONICS-TS951ID Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
More results


Similar Description - TS9511

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271SN1T1G ONSEMI-TLV271SN1T1G Datasheet
972Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
Rail-to-Rail Input/Output Single Operational Amplifier
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com