Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9511 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS9511
Description  Precision rail-to-rail input/output 3 MHz single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS9511 Datasheet(HTML) 4 Page - STMicroelectronics

  TS9511 Datasheet HTML 1Page - STMicroelectronics TS9511 Datasheet HTML 2Page - STMicroelectronics TS9511 Datasheet HTML 3Page - STMicroelectronics TS9511 Datasheet HTML 4Page - STMicroelectronics TS9511 Datasheet HTML 5Page - STMicroelectronics TS9511 Datasheet HTML 6Page - STMicroelectronics TS9511 Datasheet HTML 7Page - STMicroelectronics TS9511 Datasheet HTML 8Page - STMicroelectronics TS9511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
TS9511
4/11
DocID15707 Rev 6
2
Electrical characteristics
Table 3. Electrical characteristics at VCC = +3 V, VDD = 0 V , Vicm = VCC/2,
RL connected to VCC/2, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Tmin ≤ Tamb ≤ Tmax
800
1500
µV
ΔVio/ΔT Input offset voltage drift
2
µV/°C
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
130
80
nA
Iib
Input bias current
Tmin ≤ Tamb ≤ Tmax
30
70
150
CMR
Common mode rejection ratio
Tmin ≤ Tamb ≤ Tmax
60
55
90
dB
SVR
Supply voltage rejection ratio, VCC = 2.7 to 3.3 V
Tmin ≤ Tamb ≤ Tmax
65
60
90
Avd
Large signal voltage gain, Vo = 2 Vpk-pk, RL = 600 Ω
Tmin ≤ Tamb ≤ Tmax
70
65
80
VOH
High level output voltage, RL = 600 Ω
Tmin ≤ Tamb ≤ Tmax
2.8
2.8
2.9
V
VOL
Low level output voltage, RL = 600 Ω
Tmin ≤ Tamb ≤ Tmax
80
250
250
mV
Isc
Output short-circuit current
10
20
mA
ICC
Supply current (per amplifier), no load, Vicm = VCC/2
Tmin ≤ Tamb ≤ Tmax
0.8
1
1.2
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
3MHz
SR
Slew rate
RL = 10 kΩ, CL = 100 pF
1V/µs
∅m
Phase margin at unit gain
RL = 10k Ω, CL = 100 pF
58
Degrees
Gm
Gain margin
RL = 10k Ω, CL = 100 pF
12
dB
en
Equivalent input noise voltage
f = 1 kHz
25
THD
Total harmonic distortion
Vout = 4 Vpk-pk, F = 10 kHz, AV = 2, RL =10 kΩ
0.01
%
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com