Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9511 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS9511
Description  Precision rail-to-rail input/output 3 MHz single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS9511 Datasheet(HTML) 3 Page - STMicroelectronics

  TS9511 Datasheet HTML 1Page - STMicroelectronics TS9511 Datasheet HTML 2Page - STMicroelectronics TS9511 Datasheet HTML 3Page - STMicroelectronics TS9511 Datasheet HTML 4Page - STMicroelectronics TS9511 Datasheet HTML 5Page - STMicroelectronics TS9511 Datasheet HTML 6Page - STMicroelectronics TS9511 Datasheet HTML 7Page - STMicroelectronics TS9511 Datasheet HTML 8Page - STMicroelectronics TS9511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID15707 Rev 6
3/11
TS9511
Absolute maximum ratings and operating conditions
11
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltage values, except differential voltage, are with respect to network ground terminal.
14
V
Vid
Differential input voltage(2)
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
If Vid > ±1 V, the maximum input current must not exceed ±1 mA. In this case (Vid > ±1 V), an input series
resistor must be added to limit input current.
±1
Vin
Input voltage(3)
3. Do not exceed 14 V.
VDD-0.3 to VCC+0.3
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction-to-ambient(4)
SOT23-5
4. Short-circuits can cause excessive heating and destructive dissipation. Rth are typical values.
250
°C/W
Rthjc
Thermal resistance junction-to-case(4)
SOT23-5
81
ESD
HBM: human body model(5)
5. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through
a 1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
1kV
MM: machine model(6)
6. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
V
CDM: charged device model(7)
7. Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
1.5
kV
Latch-up immunity
200
mA
Lead temperature (soldering, 10 sec.)
260
°C
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 12
V
Vicm
Common mode input voltage range
VDD -0.2 to VCC +0.2
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com