Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT696BK-13 Datasheet (PDF) - Diodes Incorporated

DXT696BK-13 Datasheet PDF - Diodes Incorporated
Part # DXT696BK-13
Download  DXT696BK-13 Download
File Size   455.85 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252

DXT696BK-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT696BK-13 Datasheet PDF - Diodes Incorporated

Part # DXT696BK-13
Download  DXT696BK-13 Click to download

File Size   455.85 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252

DXT696BK-13 Datasheet (HTML) - Diodes Incorporated


DXT696BK-13 Product details

Features
BVCEO > 180V
IC = 0.5A high Continuous Collector Current
ICM = 1A Peak Pulse Current
High gain device > 500 at IC =100mA
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability

Applications
Voltage Regulator Transistors
Startup Switches
Darlington Replacement
DC Fans
Relays and Solenoid Driving




Similar Part No. - DXT696BK-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT696BK DIODES-DXT696BK_15 Datasheet
456Kb / 7P
180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
Rev 1
More results


Similar Description - DXT696BK-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN04120HK DIODES-ZXTN04120HK Datasheet
271Kb / 7P
120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
Rev 3
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
32V PNP MEDIUM POWER TRANSISTOR IN TO252
Rev 3
DXT13003EK DIODES-DXT13003EK_15 Datasheet
323Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
2DB1184Q DIODES-2DB1184Q_15 Datasheet
348Kb / 6P
50V PNP MEDIUM POWER TRANSISTOR IN TO252
Rev 5
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
DXT696BK DIODES-DXT696BK_15 Datasheet
456Kb / 7P
180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
Rev 1
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 5
ZXTN04120HK DIODES-ZXTN04120HK_15 Datasheet
265Kb / 7P
120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
Rev 3
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com