Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3567DFSG Datasheet (PDF) - Toshiba Semiconductor

TC3567DFSG Datasheet PDF - Toshiba Semiconductor
Part # TC3567DFSG
Download  TC3567DFSG Download
File Size   697.98 Kbytes
Page   49 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC3567DFSG-002 Bluetooth® low energy IC

TC3567DFSG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3567DFSG Datasheet PDF - Toshiba Semiconductor

Part # TC3567DFSG
Download  TC3567DFSG Click to download

File Size   697.98 Kbytes
Page   49 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC3567DFSG-002 Bluetooth® low energy IC

TC3567DFSG Datasheet (HTML) - Toshiba Semiconductor


TC3567DFSG Product details

1. General Description
1.1. Product Concept
TC3567DFSG (Later omitted TC3567D.) are compliant with 2.4-GHz wireless communication, Bluetooth® Ver4.2 low energy.
RF analog parts and baseband digital parts are built in them, and TC3567D provides Bluetooth® HCI (Host Control Interface)
functions and Bluetooth® low energy GATT profile functions defined by Bluetooth® core specifications. TC3567D works as a
standalone application using Bluetooth® low energy communication system by connecting EEPROM (written a program for
standalone use) by I2C connection. The TC3567D can be connected to an external host CPU by the UART and controlled with the
HCI or the GATT/SM layer control command.

1.2. Features
 Compliant with Bluetooth® Ver4.2 low energy
 Built-in Bluetooth® Baseband Circuit
 Built-in Bluetooth® RF analog Circuit
 Transmission electric power: 0 dBm
 Receiver sensitivity: -93.5 dBm
 RSSI accuracy: ±1 dB (-90 to -10 dBm@input)
 Internal matching circuit
 Built-in ARM® Cortex®-M0 (13 MHz or 26 MHz operation frequency is able to select to run)
 Built-in masking ROM
 Boot program
 HCI/ extension HCI command
 GATT/SM layer control API (TCU command; Toshiba Command Unit)
 API for hardware control
 Retention SRAM (128 KB with 51 KB available for the user area)
 Support up to 4 patch program loader functions and auto patch function
 General Purpose IO ( 17 ports)
 General Purpose Serial Interfaces
 SPI interface (1 ch assigned to a General Purpose IO)
 I2C interface (1 ch assigned to a General Purpose IO)
 Host CPU Interface
 UART interface (9600 bps to 921.6 kbps, 1ch - shared with GPIOs)
 SPI interface
 Emulator debug control interface
 SWD (Serial Wire Debug) 2-wire (1 ch, There are two types of products, enabled or disabled for SWD function.)
 Wake-up Interface (2 ch assigned to a General Purpose IO)
 Wake-up input function from sleep and deep sleep
 PWM Interface (4 ch assigned to General Purpose IOs)
 Reference Clock Input (26 MHz)
 Built-in oscillator for crystal oscillator connection
 Sleep Clock Input (32.768 kHz)
 Built-in oscillator for crystal oscillator connection
 Works as Standalone (In User-App mode, operating by standalone is possible)
 Sleep and Deep Sleep Functions
 Built-in DCDC converter and LDO
 Wide range of input power supply voltages supported (Booting power supply voltage : 1.8 to 3.6 V, low battery voltage
detection)




Similar Part No. - TC3567DFSG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35670FTG TOSHIBA-TC35670FTG Datasheet
425Kb / 16P
TC35670FTG Bluetooth™ LE NFC-Tag IC
November 2014
TC35670FTG-006 TOSHIBA-TC35670FTG-006 Datasheet
1,014Kb / 69P
TC35670FTG-006 Bluetooth® Smart NFC Tag IC
2016-05-31 Rev 2.1
TC35678FSG TOSHIBA-TC35678FSG Datasheet
630Kb / 53P
TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
17-Jan-2018
TC35678FSG-002 TOSHIBA-TC35678FSG-002 Datasheet
630Kb / 53P
TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
17-Jan-2018
TC35678FSG-002-EL TOSHIBA-TC35678FSG-002-EL Datasheet
630Kb / 53P
TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
17-Jan-2018
More results


Similar Description - TC3567DFSG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35678FSG-002 TOSHIBA-TC35678FSG-002 Datasheet
630Kb / 53P
TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
17-Jan-2018
TC35679FSG-002 TOSHIBA-TC35679FSG-002 Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
17-Jan-2018
TC35679IFTG-002 TOSHIBA-TC35679IFTG-002 Datasheet
586Kb / 45P
TC35679IFTG-002 Bluetooth® low energy IC
17-Jan-2018
TC3567CFSG-002 TOSHIBA-TC3567CFSG-002 Datasheet
616Kb / 49P
TC3567CFSG-002 Bluetooth® low energy IC
06-Apr-2018
TC35680FSG-002 TOSHIBA-TC35680FSG-002 Datasheet
1Mb / 91P
TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
04-Apr-2019
TC35681IFTG-002 TOSHIBA-TC35681IFTG-002 Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
03-Oct-2018
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com