Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS500 Datasheet (PDF) - Zetex Semiconductors

ZHCS500 Datasheet PDF - Zetex Semiconductors
Part # ZHCS500
Download  ZHCS500 Download
File Size   233.54 Kbytes
Page   16 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6

ZHCS500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHCS500 Datasheet PDF - Zetex Semiconductors

Part # ZHCS500
Download  ZHCS500 Click to download

File Size   233.54 Kbytes
Page   16 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6

ZHCS500 Datasheet (HTML) - Zetex Semiconductors


ZHCS500 Product details

DESCRIPTION

The ZXLD1100 is a PFM inductive boost converter designed for driving 2, 3 or 4 series connected white LEDs from a Li-Ion cell and up to 8 LEDs from a 5V supply. The device operates from an input supply of between 2.5V and 5.5V and provides an adjustable output current of up to 50mA.

The ZXLD1100 includes the output switch and peak current sense resistor, and can operate with a maximum output voltage of 28V.



ADVANCED FEATURES

• Internal 30V NDMOS switch, current sense and open circuit protection

• True Analog Dimming via PWM



FEATURES

• Low profile SC70 6 pin package

• Internal PWM filter for flicker free output

• High efficiency (80% typ)

• Wide input voltage range: 2.5V to 5.5V

• Up to 50mA output current

• Low quiescent current: (60μA typ)

• 500nA maximum shutdown current

• Up to 1MHz switching frequency

• Low external component count

• Inherently matched LED currents



APPLICATIONS

• Mobile phones

• Digital cameras

• PDAs

• LCD modules

• Portable internet appliances

• Palmtop computers



 




Similar Part No. - ZHCS500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS500 ZETEX-ZHCS500 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZHCS500 DIODES-ZHCS500 Datasheet
113Kb / 3P
SOT23 SILICON HIGH CURRENT
SEPTEMBER 1997
ZHCS500 DIODES-ZHCS500 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
ZHCS500 DIODES-ZHCS500 Datasheet
438Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
More results


Similar Description - ZHCS500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1937 ZETEX-ZXLD1937 Datasheet
226Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1100 DIODES-ZXLD1100 Datasheet
241Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
JULY 2004
ZXLD1101 DIODES-ZXLD1101 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
JULY 2004
ZXLD1937 DIODES-ZXLD1937 Datasheet
232Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
JULY 2004
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1937ET5TA ZETEX-ZXLD1937ET5TA Datasheet
227Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com