Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8714ED Datasheet (PDF) - Wolfson Microelectronics plc

WM8714ED Datasheet PDF - Wolfson Microelectronics plc
Part # WM8714ED
Download  WM8714ED Download
File Size   157.54 Kbytes
Page   17 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 96kHz Stereo DAC

WM8714ED Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8714ED Datasheet PDF - Wolfson Microelectronics plc

Part # WM8714ED
Download  WM8714ED Click to download

File Size   157.54 Kbytes
Page   17 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 96kHz Stereo DAC

WM8714ED Datasheet (HTML) - Wolfson Microelectronics plc


WM8714ED Product details

DESCRIPTION

The WM8714 is a high performance stereo DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8714 supports data input word lengths from 16 to 24-bits and sampling rates up to 96kHz. The WM8714 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC in a 14-pin SOIC package.



FEATURES

• Stereo DAC

• Audio Performance

- 95dB SNR (‘A’ weighted @ 48kHz) DAC

- -90dB THD

• DAC Sampling Frequency: 8kHz – 96kHz

• Pin Selectable Audio Data Interface Format

- I2S, Right Justified or DSP

• 3 - 5V Supply Operation

• 14-pin SOIC Package

• Pin Compatible with WM8725



APPLICATIONS

• DVD Players

• Digital TV

• Digital Set Top Boxes




Similar Part No. - WM8714ED

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
128Kb / 2P
portable digital audio solutions
WM8711 WOLFSON-WM8711 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711 WOLFSON-WM8711 Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711BL WOLFSON-WM8711BL Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
More results


Similar Description - WM8714ED

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
100dB 96kHz 24-Bit 2ch ?誇 DAC
AK4393(VM) AKM-AK4393(VM) Datasheet
774Kb / 24P
Advanced Multi-Bit 96kHz 24-Bit 6 DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com