Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66290AFP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66290AFP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66290AFP
Download  M66290AFP Download
File Size   435.92 Kbytes
Page   53 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description USB DEVICE CONTROLLER

M66290AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66290AFP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66290AFP
Download  M66290AFP Click to download

File Size   435.92 Kbytes
Page   53 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description USB DEVICE CONTROLLER

M66290AFP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66290AFP Product details

DESCRIPTION
The M66290A is a general purpose USB (Univ ersal Serial Bus) device controller compatible with the USB specification version 1.1 and corresponds to full speed transfer. Built-in transceiver circuits meet all transfer type which is def ined in USB.
M66290A has FIFO of 3k Bytes for data transfer and can set 6 endpoints (maximum).
Each endpoint can be set programmable of its transfer condition, so can correspond to each dev ice class transfer system of USB.

FEATURES
• USB specification 1.1 compliant
• Built-in USB transceiver circuit
• Supports Full Speed (12 Mbps) transmission
• Supports all four USB transfer type :
   • Control transfer
   • Bulk transfer
   • Isochronous transfer
   • Interrupt transfer
• Built-in FIFO (3 KBy tes) for Endpoint
• Up to 6 endpoint (EP0 to EP5) selectable
• Data transfer condition selectable for each Endpoints (EP1 to EP5)
   • Data transfer type
      (Bulk, Isochronous and Interrupt)
   • Transfer direction (IN/OUT)
   • Buffer size of FIFO (maximum 1024 By tes)
   • Double (Toggle) buffer configuration
   • Continuous transfer mode
      (Buffering up to 1 KBy teX2)
   • Max packet size
• Supports 4 input clock frequencies
   • Input clock : 6/12/24/48 MHz
   • Built-in PLL which has an oscillation buffer and outputs at 48 MHz
• Supports both 8-bit and 16-bit DMA transfers
• 16-bit CPU bus interface
• 3.3V single power source
• Built-in JTAG

APPLICATION
• Printer, Scanner , DSC , DVC
• PC camera , Multimedia speaker , Terminal adapter etc.
• Support all PC peripheral using Full Speed USB




Similar Part No. - M66290AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66290AFP RENESAS-M66290AFP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
More results


Similar Description - M66290AFP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
USB Device Controller
Rev. 1 August 2004
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
USB Keyboard/ Device Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com