Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS23S010S Datasheet (PDF) - VLSI Solution Oy

VS23S010S Datasheet PDF - VLSI Solution Oy
Part # VS23S010S
Download  VS23S010S Download
File Size   611.66 Kbytes
Page   36 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS23S010D-S - 1 Megabit SPI SRAM with Dual-I/O and Quad-I/O

VS23S010S Datasheet (PDF)

Go To PDF Page Download Datasheet
VS23S010S Datasheet PDF - VLSI Solution Oy

Part # VS23S010S
Download  VS23S010S Click to download

File Size   611.66 Kbytes
Page   36 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS23S010D-S - 1 Megabit SPI SRAM with Dual-I/O and Quad-I/O

VS23S010S Datasheet (HTML) - VLSI Solution Oy


VS23S010S Product details

Features
 Flexible 1.5V - 3.6V operating voltage
 131,072 x 8-bit SRAM organization
 Serial Peripheral Interface (SPI) mode
0 compatible
– Byte, Page and Sequential modes
– Supports Single, Dual and Quad
I/O read and write
– Fast operation: the whole memory
can be filled in 262158 or read
in 262159 cycles (Quad-I/O SPI,
Quad address mode)
– XHOLD and XWP pins
 High operating frequencies
– Up to 38 MHz for SPI
 Active Low-power
– Read current 340 A at 1 MHz (Single
I/O, SO=0, TA=+85C, VDD=3.3V)
 Industrial temperature range
– -40C to + 85C
 Pb-Free and RoHS compliant

Description
The VLSI Solution VS23S010D-S is an easyto-
use and versatile serial SRAM device. The
memory is accessed via an SPI compatible
serial bus.




Similar Part No. - VS23S010S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS23S010 ETC1-VS23S010 Datasheet
259Kb / 1P
1 Mbit Versatile SPI / 8-Bit Parallel Bus SRAM
logo
VLSI Solution Oy
VS23S010 VLSI-VS23S010 Datasheet
1Mb / 77P
VS23S010D-L - 1 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller
Version: 0.97 2021-07-09
VS23S010D-L-1 VLSI-VS23S010D-L-1 Datasheet
1Mb / 77P
VS23S010D-L - 1 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller
Version: 0.97 2021-07-09
More results


Similar Description - VS23S010S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DQ161 ATMEL-AT25DQ161_09 Datasheet
1Mb / 64P
16-Megabit 2.7-volt Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
List of Unclassifed Man...
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF041B DIALOG-AT25SF041B Datasheet
1Mb / 64P
4-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF081B DIALOG-AT25SF081B Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF161B DIALOG-AT25SF161B Datasheet
1Mb / 64P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
AT25SF641B DIALOG-AT25SF641B Datasheet
1Mb / 59P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25QF641B RENESAS-AT25QF641B Datasheet
2Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-05-18
AT25SF161B RENESAS-AT25SF161B Datasheet
1Mb / 61P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
AT25SF321B RENESAS-AT25SF321B Datasheet
2Mb / 63P
32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT25SF641B RENESAS-AT25SF641B Datasheet
1Mb / 60P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com