Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS23S010 Datasheet (PDF) - VLSI Solution Oy

VS23S010 Datasheet PDF - VLSI Solution Oy
Part # VS23S010
Download  VS23S010 Download
File Size   1393.14 Kbytes
Page   77 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS23S010D-L - 1 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller

VS23S010 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS23S010 Datasheet PDF - VLSI Solution Oy

Part # VS23S010
Download  VS23S010 Click to download

File Size   1393.14 Kbytes
Page   77 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS23S010D-L - 1 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller

VS23S010 Datasheet (HTML) - VLSI Solution Oy


VS23S010 Product details

Features
 Flexible 1.5V - 3.6V operating voltage
 131,072 x 8-bit SRAM organization
 Serial Peripheral Interface (SPI) mode
0 compatible
– Byte, Page and Sequential modes
– Supports Single, Dual and Quad
I/O read and write
– Fast operation: the whole memory
can be filled in 262158 or read
in 262159 cycles (Quad-I/O SPI,
Quad address mode)
– XHOLD and XWP pins
 8-bit Parallel Interface (Simplified 8080
and NAND FLASH Type Interface)
– Sequential read and write in 4 byte
blocks
– Fast operation, the whole memory
can be filled or read in 131077 cycles
 Integrated Video Display Controller with
Video DAC
– Supports NTSC and PAL video formats
– Fully configurable by user
– 9-bit Video DAC and 8x Video PLL
 High operating frequencies
– Up to 38 MHz for SPI
– Up to 40 MHz for 8-bit parallel interface
– Over 35 MHz for Video Display Controller
– (TBD) MHz for SRAM writes when
Video Display Controller enabled
 Active Low-power
– Read current 340 A at 1 MHz (Single
I/O, SO=0, TA=+85C, VDD=3.3V)
 Industrial temperature range
– -40C to + 85C
 Pb-Free and RoHS compliant

Description
The VLSI Solution VS23S010D-L is an easyto-
use and versatile serial SRAM device. The
memory is accessed via an SPI compatible
serial bus. The device also contains Video
Display Controller, which can be configured
to continuously output analog composite video
from the memory array data to implement a
video frame buffer.
Alternatively, a 8-bit parallel interface can be
used to access the SRAM instead of the SPI.
To sum up, there are four separate operating
modes in VS23S010D-L:
 SPI Single, Dual, or Quad operation and
4 General Purpose I/O pins
 SPI Single, Dual, or Quad operation and
simultaneous Video Display Controller
 8-bit Parallel Interface operation
 8-bit Parallel Interface operation and simultaneous
Video Display Controller




Similar Part No. - VS23S010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS23S010 ETC1-VS23S010 Datasheet
259Kb / 1P
1 Mbit Versatile SPI / 8-Bit Parallel Bus SRAM
logo
VLSI Solution Oy
VS23S010D-S VLSI-VS23S010D-S Datasheet
611Kb / 36P
VS23S010D-S - 1 Megabit SPI SRAM with Dual-I/O and Quad-I/O
Version: 0.96 2018-10-01
VS23S010D-S-1 VLSI-VS23S010D-S-1 Datasheet
611Kb / 36P
VS23S010D-S - 1 Megabit SPI SRAM with Dual-I/O and Quad-I/O
Version: 0.96 2018-10-01
VS23S010S VLSI-VS23S010S Datasheet
611Kb / 36P
VS23S010D-S - 1 Megabit SPI SRAM with Dual-I/O and Quad-I/O
Version: 0.96 2018-10-01
More results


Similar Description - VS23S010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A1024 MICROCHIP-23A1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23A512 MICROCHIP-23A512 Datasheet
728Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
2012
23LCV1024 MICROCHIP-23LCV1024 Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV1024T-E MICROCHIP-23LCV1024T-E Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23A1024 MICROCHIP-23A1024_15 Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
logo
VLSI Solution Oy
VS23S010S VLSI-VS23S010S Datasheet
611Kb / 36P
VS23S010D-S - 1 Megabit SPI SRAM with Dual-I/O and Quad-I/O
Version: 0.96 2018-10-01
VS23S040 VLSI-VS23S040 Datasheet
949Kb / 69P
VS23S040D - 4 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller
Version: 0.4 2018-10-01
logo
Microchip Technology
23A1024 MICROCHIP-23A1024_V01 Datasheet
663Kb / 33P
1-Mbit SPI Serial SRAM with SDI and SQI Interface
Revision D July 2022
23LCV1024 MICROCHIP-23LCV1024_V01 Datasheet
616Kb / 29P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com