Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS23S040 Datasheet (PDF) - VLSI Solution Oy

VS23S040 Datasheet PDF - VLSI Solution Oy
Part # VS23S040
Download  VS23S040 Download
File Size   949.18 Kbytes
Page   69 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS23S040D - 4 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller

VS23S040 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS23S040 Datasheet PDF - VLSI Solution Oy

Part # VS23S040
Download  VS23S040 Click to download

File Size   949.18 Kbytes
Page   69 Pages
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy
Description VS23S040D - 4 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller

VS23S040 Datasheet (HTML) - VLSI Solution Oy


VS23S040 Product details

Features
 Flexible 1.5V - 3.6V operating voltage
 524,288 x 8-bit SRAM organization
 Serial Peripheral Interface (SPI) mode
0 compatible
– Byte, Page and Sequential modes
– Supports Single, Dual and Quad
I/O read and write
– Fast operation: the whole memory
can be filled in 1,048,590 or
read in 1,048,591 cycles (Quad-
I/O SPI, Quad address mode)
– XHOLD and XWP pins
 8-bit Parallel Interface (Simplified 8080
and NAND FLASH Type Interface)
– Sequential read and write in 4 byte
blocks
– Fast operation, the whole memory
can be filled or read in 524,293 cycles
 Integrated Video Display Controller with
Video DAC
– Supports Component and Composite
video formats (NTSC, PAL, RGB
etc.)
– Fully configurable by user
– 9-bit Video DAC and 8x Video PLL
 High operating frequencies
– Up to 38 MHz for SPI
– Up to 40 MHz for 8-bit parallel interface
– Over 35 MHz for Video Display Controller
– (TBD) MHz for SRAM writes when
Video Display Controller enabled
 Active Low-power
– Read current 1.6 mA at 1 MHz (Single
I/O, SO=0, TA=+85C, VDD=3.3V)
 Industrial temperature range
– -40C to + 85C
 Pb-Free and RoHS compliant

Description
The VLSI Solution VS23S040D is an easy-touse
and versatile serial SRAM device. The
memory is accessed via an SPI compatible
serial bus. The device also contains Video
Display Controller, which can be configured
to continuously output analog composite video
from the memory array data to implement a
video frame buffer.




Similar Part No. - VS23S040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS23S010 ETC1-VS23S010 Datasheet
259Kb / 1P
1 Mbit Versatile SPI / 8-Bit Parallel Bus SRAM
logo
VLSI Solution Oy
VS23S010 VLSI-VS23S010 Datasheet
1Mb / 77P
VS23S010D-L - 1 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller
Version: 0.97 2021-07-09
VS23S010D-L-1 VLSI-VS23S010D-L-1 Datasheet
1Mb / 77P
VS23S010D-L - 1 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller
Version: 0.97 2021-07-09
VS23S010D-S VLSI-VS23S010D-S Datasheet
611Kb / 36P
VS23S010D-S - 1 Megabit SPI SRAM with Dual-I/O and Quad-I/O
Version: 0.96 2018-10-01
VS23S010D-S-1 VLSI-VS23S010D-S-1 Datasheet
611Kb / 36P
VS23S010D-S - 1 Megabit SPI SRAM with Dual-I/O and Quad-I/O
Version: 0.96 2018-10-01
More results


Similar Description - VS23S040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
logo
Maxim Integrated Produc...
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
logo
Microchip Technology
23A1024 MICROCHIP-23A1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23A512 MICROCHIP-23A512 Datasheet
728Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
2012
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23A1024 MICROCHIP-23A1024_15 Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23A512 MICROCHIP-23A512_13 Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512 MICROCHIP-23A512_V01 Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
logo
VLSI Solution Oy
VS23S010 VLSI-VS23S010 Datasheet
1Mb / 77P
VS23S010D-L - 1 Megabit SPI SRAM with Serial and Parallel Interfaces and Integrated Video Display Controller
Version: 0.97 2021-07-09
logo
Microchip Technology
23A1024 MICROCHIP-23A1024_V01 Datasheet
663Kb / 33P
1-Mbit SPI Serial SRAM with SDI and SQI Interface
Revision D July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com