Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC518129ASP Datasheet (PDF) - Toshiba Semiconductor

TC518129ASP Datasheet PDF - Toshiba Semiconductor
Part # TC518129ASP
Download  TC518129ASP Download
File Size   301.04 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC518129ASP Datasheet (PDF)

Go To PDF Page Download Datasheet
TC518129ASP Datasheet PDF - Toshiba Semiconductor

Part # TC518129ASP
Download  TC518129ASP Click to download

File Size   301.04 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC518129ASP Datasheet (HTML) - Toshiba Semiconductor


TC518129ASP Product details

Description
The TC518129A is a 1M bit high speed CMOS pseudo static RAM organized as 131,072 words by 8 bits. The TC518129A utilizes
a one transistor dynamic memory cell with CMOS peripheral circuitry to provide high capacity, high speed and low power storage. The
TC518129A operates from a single 5V power supply. Refreshing is supported by a refresh (RFSH) input which enables two types of
refreshing-auto refresh and self refresh. The TC518129A features a static RAM-like interface with a write cycle in which the input
data is written into the memory cell at the rising edge of R/WW thus simplifying the microprocessor interface.
A CS standby mode interface is incorporated in the TC518129A family, with the CE2 pin in the TC518128A family changed to a
CS pin. The TC518129A is available in a 32-pin, 0.6 inch and 0.3 inch width plastic DIP, a small outline plastic flat package, and a
32-pin thin small outline plastic package (forward type).

Features
• Organization: 131,072 words x 8 bits
• Single 5V power supply
Fast access time
CEA CE Access Time
TOEA OE Access Time
tac Cycle Time
Power Dissipation
Self Refresh Current
TC518129A Family
-80
-10
80ns
100ns
35ns
40ns
130ns
160ns
385mW 330mW
- TC518129AP/APL
TC518129AF/AFL
-
- TC518129ASP/ASPL
- TC518129AFW/AFWL
- TC518129AFTL
-12
120ns
50ns
190ns
275mW
1mA/200µA (L version)
• Auto refresh is supported by an internal refresh address counter
• Self refresh is supported by an internal timer
Inputs and outputs TTL compatible
Refresh: 512 refresh cycles 8ms
• Auto refresh power down feature
• Package
: DIP32-P-600
: SOP32-P-450
: : DIP32-P-300
: SOP32-P-525
: TSOP32-P-0820




Similar Part No. - TC518129ASP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518129AFL TOSHIBA-TC518129AFL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AFL-10LV TOSHIBA-TC518129AFL-10LV Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AFL-12LV TOSHIBA-TC518129AFL-12LV Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AFL-80LV TOSHIBA-TC518129AFL-80LV Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AFTL TOSHIBA-TC518129AFTL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC518129ASP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
131,072 WORD x 8 BIT STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com