Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet (PDF) - STMicroelectronics

NAND512-B Datasheet PDF - STMicroelectronics
Part # NAND512-B
Download  NAND512-B Download
File Size   383.4 Kbytes
Page   59 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory

NAND512-B Datasheet (PDF)

Go To PDF Page Download Datasheet
NAND512-B Datasheet PDF - STMicroelectronics

Part # NAND512-B
Download  NAND512-B Click to download

File Size   383.4 Kbytes
Page   59 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory

NAND512-B Datasheet (HTML) - STMicroelectronics


NAND512-B Product details

FEATURES SUMMARY

■ HIGH DENSITY NAND FLASH MEMORIES
– Up to 8 Gbit memory array
– Up to 64Mbit spare area
– Cost effective solutions for mass storage
applications
■ NAND INTERFACE
– x8 or x16 bus width
– Multiplexed Address/ Data
– Pinout compatibility for all densities
■ SUPPLY VOLTAGE
– 1.8V device: VDD = 1.7 to 1.95V
– 3.0V device: VDD = 2.7 to 3.6V
■ PAGE SIZE
– x8 device: (2048 + 64 spare) Bytes
– x16 device: (1024 + 32 spare) Words
■ BLOCK SIZE
– x8 device: (128K + 4K spare) Bytes
– x16 device: (64K + 2K spare) Words
■ PAGE READ / PROGRAM
– Random access: 25μs (max)
– Sequential access: 50ns (min)
– Page program time: 300μs (typ)
■ COPY BACK PROGRAM MODE
– Fast page copy without external buffering
■ CACHE PROGRAM AND CACHE READ
MODES
– Internal Cache Register to improve the
program and read throughputs
■ FAST BLOCK ERASE
– Block erase time: 2ms (typ)
■ STATUS REGISTER
■ ELECTRONIC SIGNATURE
■ CHIP ENABLE ‘DON’T CARE’
– for simple interface with microcontroller
■ AUTOMATIC PAGE 0 READ AT POWER-UP
– Boot from NAND support
■ SERIAL NUMBER OPTION

■ DATA PROTECTION
– Hardware and Software Block Locking
– Hardware Program/Erase locked during
Power transitions
■ DATA INTEGRITY
– 100,000 Program/Erase cycles
– 10 years Data Retention
■ RoHS COMPLIANCE
– Lead-Free Components are Compliant
with the RoHS Directive
■ DEVELOPMENT TOOLS
– Error Correction Code software and
hardware models
– Bad Blocks Management and Wear
Leveling algorithms
– PC Demo board with simulation software
– File System OS Native reference software
– Hardware simulation models




Similar Part No. - NAND512-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512-A STMICROELECTRONICS-NAND512-A Datasheet
916Kb / 57P
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
25-Feb-2005
NAND512-M STMICROELECTRONICS-NAND512-M Datasheet
228Kb / 23P
256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
24-Aug-2006
More results


Similar Description - NAND512-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
30-May-2006
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
logo
Micron Technology
PC28F00AP30TFA MICRON-PC28F00AP30TFA Datasheet
11Mb / 86P
Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
Numonyx B.V
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com