Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet(PDF) 1 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 1 Page - STMicroelectronics

  NAND512-B Datasheet HTML 1Page - STMicroelectronics NAND512-B Datasheet HTML 2Page - STMicroelectronics NAND512-B Datasheet HTML 3Page - STMicroelectronics NAND512-B Datasheet HTML 4Page - STMicroelectronics NAND512-B Datasheet HTML 5Page - STMicroelectronics NAND512-B Datasheet HTML 6Page - STMicroelectronics NAND512-B Datasheet HTML 7Page - STMicroelectronics NAND512-B Datasheet HTML 8Page - STMicroelectronics NAND512-B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
1/59
PRELIMINARY DATA
February 2005
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
NAND512-B, NAND01G-B NAND02G-B
NAND04G-B NAND08G-B
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit
2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
FEATURES SUMMARY
■
HIGH DENSITY NAND FLASH MEMORIES
–
Up to 8 Gbit memory array
–
Up to 64Mbit spare area
–
Cost effective solutions for mass storage
applications
■
NAND INTERFACE
–
x8 or x16 bus width
–
Multiplexed Address/ Data
–
Pinout compatibility for all densities
■
SUPPLY VOLTAGE
–
1.8V device: VDD = 1.7 to 1.95V
–
3.0V device: VDD = 2.7 to 3.6V
■
PAGE SIZE
–
x8 device: (2048 + 64 spare) Bytes
–
x16 device: (1024 + 32 spare) Words
■
BLOCK SIZE
–
x8 device: (128K + 4K spare) Bytes
–
x16 device: (64K + 2K spare) Words
■
PAGE READ / PROGRAM
–
Random access: 25µs (max)
–
Sequential access: 50ns (min)
–
Page program time: 300µs (typ)
■
COPY BACK PROGRAM MODE
–
Fast page copy without external buffering
■
CACHE PROGRAM AND CACHE READ
MODES
–
Internal Cache Register to improve the
program and read throughputs
■
FAST BLOCK ERASE
–
Block erase time: 2ms (typ)
■
STATUS REGISTER
■
ELECTRONIC SIGNATURE
■
CHIP ENABLE ‘DON’T CARE’
–
for simple interface with microcontroller
■
AUTOMATIC PAGE 0 READ AT POWER-UP
–
Boot from NAND support
■
SERIAL NUMBER OPTION
Figure 1. Packages
■
DATA PROTECTION
–
Hardware and Software Block Locking
–
Hardware Program/Erase locked during
Power transitions
■
DATA INTEGRITY
–
100,000 Program/Erase cycles
–
10 years Data Retention
■
RoHS COMPLIANCE
–
Lead-Free Components are Compliant
with the RoHS Directive
■
DEVELOPMENT TOOLS
–
Error Correction Code software and
hardware models
–
Bad Blocks Management and Wear
Leveling algorithms
–
PC Demo board with simulation software
–
File System OS Native reference software
–
Hardware simulation models
TSOP48 12 x 20mm
VFBGA63 9.5 x 12 x 1mm
TFBGA63 9.5 x 12 x 1.2mm
LFBGA63 9.5 x 12 x 1.4mm
FBGA
USOP48 12 x 17 x 0.65mm


Similar Part No. - NAND512-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512-A STMICROELECTRONICS-NAND512-A Datasheet
916Kb / 57P
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
25-Feb-2005
NAND512-M STMICROELECTRONICS-NAND512-M Datasheet
228Kb / 23P
256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
24-Aug-2006
More results

Similar Description - NAND512-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
30-May-2006
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
logo
Micron Technology
PC28F00AP30TFA MICRON-PC28F00AP30TFA Datasheet
11Mb / 86P
Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
Numonyx B.V
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com