Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet(PDF) 19 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 15Page - STMicroelectronics NAND512-B Datasheet HTML 16Page - STMicroelectronics NAND512-B Datasheet HTML 17Page - STMicroelectronics NAND512-B Datasheet HTML 18Page - STMicroelectronics NAND512-B Datasheet HTML 19Page - STMicroelectronics NAND512-B Datasheet HTML 20Page - STMicroelectronics NAND512-B Datasheet HTML 21Page - STMicroelectronics NAND512-B Datasheet HTML 22Page - STMicroelectronics NAND512-B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
19/59
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
DEVICE OPERATIONS
The following section gives the details of the de-
vice operations.
Read Memory Array
At Power-Up the device defaults to Read mode.
To enter Read mode from another mode the Read
command
must
be
issued,
see
Table
10., Commands. Once a Read command is is-
sued, subsequent consecutive Read commands
only require the confirm command code (30h).
Once a Read command is issued two types of op-
erations are available: Random Read and Page
Read.
Random Read. Each time the Read command is
issued the first read is Random Read.
Page Read. After the first Random Read access,
the page data (2112 Bytes or 1056 Words) is
transferred to the Page Buffer in a time of tWHBH
(refer to Table 25. for value). Once the transfer is
complete the Ready/Busy signal goes High. The
data can then be read out sequentially (from se-
lected column address to last column address) by
pulsing the Read Enable signal.
The device can output random data in a page, in-
stead of the consecutive sequential data, by issu-
ing a Random Data Output command.
The Random Data Output command can be used
to skip some data during a sequential data output.
The sequential operation can be resumed by
changing the column address of the next data to
be output, to the address which follows the Ran-
dom Data Output command.
The Random Data Output command can be is-
sued as many times as required within a page.
The Random Data Output command is not accept-
ed during Cache Read operations.
Figure 9. Read Operations
Note: 1. Highest address depends on device density.
CL
E
W
AL
R
I/O
RB
00h
ai08657b
Busy
Command
Code
Data Output (sequentially)
Address Input
tBLBH1
30h
Command
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com