Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet(PDF) 30 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 26Page - STMicroelectronics NAND512-B Datasheet HTML 27Page - STMicroelectronics NAND512-B Datasheet HTML 28Page - STMicroelectronics NAND512-B Datasheet HTML 29Page - STMicroelectronics NAND512-B Datasheet HTML 30Page - STMicroelectronics NAND512-B Datasheet HTML 31Page - STMicroelectronics NAND512-B Datasheet HTML 32Page - STMicroelectronics NAND512-B Datasheet HTML 33Page - STMicroelectronics NAND512-B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
30/59
Read Electronic Signature
The device contains a Manufacturer Code and De-
vice Code. To read these codes three steps are re-
quired:
1.
one Bus Write cycle to issue the Read
Electronic Signature command (90h)
2.
one Bus Write cycle to input the address (00h)
3.
four Bus Read Cycles to sequentially output
the data (as shown in Table 14., Electronic
Signature).
Table 14. Electronic Signature
Part Number
Byte/Word 1
Byte/Word 2
Byte/Word 3
Byte/Word 4
Manufacturer Code
Device code
NAND512R3B
20h
A2h
Reserved
00h
Page Size
Spare Area size
Sequential Access Time
Block Size
Organization
(seeTable 15.)
NAND512W3B
F2h
NAND512R4B
0020h
B2h
NAND512W4B
C2h
NAND01GR3B
20h
A1h
NAND01GW3B
F1h
NAND01GR4B
0020h
B1h
NAND01GW4B
C1h
NAND02GR3B
20h
AAh
NAND02GW3B
DAh
NAND02GR4B
0020h
BAh
NAND02GW4B
CAh
NAND04GR3B
20h
ACh
NAND04GW3B
DCh
NAND04GR4B
0020h
BCh
NAND04GW4B
CCh
NAND08GR3B
20h
A3h
NAND08GW3B
D3h
NAND08GR4B
0020h
B3h
NAND08GW4B
C3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com