Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet(PDF) 22 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 18Page - STMicroelectronics NAND512-B Datasheet HTML 19Page - STMicroelectronics NAND512-B Datasheet HTML 20Page - STMicroelectronics NAND512-B Datasheet HTML 21Page - STMicroelectronics NAND512-B Datasheet HTML 22Page - STMicroelectronics NAND512-B Datasheet HTML 23Page - STMicroelectronics NAND512-B Datasheet HTML 24Page - STMicroelectronics NAND512-B Datasheet HTML 25Page - STMicroelectronics NAND512-B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
22/59
Page Program
The Page Program operation is the standard oper-
ation to program data to the memory array. Gener-
ally, data is programmed sequentially, however
the device does support Random Input within a
page.
The memory array is programmed by page, how-
ever partial page programming is allowed where
any number of Bytes (1 to 2112) or Words (1 to
1056) can be programmed.
The maximum number of consecutive partial page
program operations allowed in the same page is
eight. After exceeding this a Block Erase com-
mand must be issued before any further program
operations can take place in that page.
Sequential Input. To input data sequentially the
addresses must be sequential and remain in one
block.
For Sequential Input each Page Program opera-
tion consists of five steps (see Figure 12.):
1.
one bus cycle is required to setup the Page
Program (Sequential Input) command (see
Table 10.)
2.
four or five bus cycles are then required to
input the program address (refer to Table 6.
and Table 7.)
3.
the data is then loaded into the Data Registers
4.
one bus cycle is required to issue the Page
Program confirm command to start the P/E/R
Controller. The P/E/R will only start if the data
has been loaded in step 3.
5.
the P/E/R Controller then programs the data
into the array.
Random Data Input. During a Sequential Input
operation, the next sequential address to be pro-
grammed can be replaced by a random address,
by issuing a Random Data Input command. The
following two steps are required to issue the com-
mand:
1.
one bus cycle is required to setup the Random
Data Input command (see Table 10.)
2.
two bus cycles are then required to input the
new column address (refer to Table 6.)
Random Data Input can be repeated as often as
required in any given page.
Once the program operation has started the Sta-
tus Register can be read using the Read Status
Register command. During program operations
the Status Register will only flag errors for bits set
to '1' that have not been successfully programmed
to '0'.
During the program operation, only the Read Sta-
tus Register and Reset commands will be accept-
ed, all other commands will be ignored.
Once the program operation has completed the P/
E/R Controller bit SR6 is set to ‘1’ and the Ready/
Busy signal goes High.
The device remains in Read Status Register mode
until another valid command is written to the Com-
mand Interface.
Figure 12. Page Program Operation
I/O
RB
Address Inputs
SR0
ai08659
Data Input
10h
70h
80h
Page Program
Setup Code
Confirm
Code
Read Status Register
Busy
tBLBH2
(Program Busy time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com