Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet(PDF) 13 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 9Page - STMicroelectronics NAND512-B Datasheet HTML 10Page - STMicroelectronics NAND512-B Datasheet HTML 11Page - STMicroelectronics NAND512-B Datasheet HTML 12Page - STMicroelectronics NAND512-B Datasheet HTML 13Page - STMicroelectronics NAND512-B Datasheet HTML 14Page - STMicroelectronics NAND512-B Datasheet HTML 15Page - STMicroelectronics NAND512-B Datasheet HTML 16Page - STMicroelectronics NAND512-B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13/59
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
MEMORY ARRAY ORGANIZATION
The memory array is made up of NAND structures
where 32 cells are connected in series.
The memory array is organized in blocks where
each block contains 64 pages. The array is split
into two areas, the main area and the spare area.
The main area of the array is used to store data
whereas the spare area is typically used to store
Error correction Codes, software flags or Bad
Block identification.
In x8 devices the pages are split into a 2048 Byte
main area and a spare area of 64 Bytes. In the x16
devices the pages are split into a 1,024 Word main
area and a 32 Word spare area. Refer to Figure
8., Memory Array Organization.
Bad Blocks
The NAND Flash 2112 Byte/ 1056 Word Page de-
vices may contain Bad Blocks, that is blocks that
contain one or more invalid bits whose reliability is
not guaranteed. Additional Bad Blocks may devel-
op during the lifetime of the device.
The Bad Block Information is written prior to ship-
ping (refer to Bad Block Management section for
more details).
Table 4. shows the minimum number of valid
blocks in each device. The values shown include
both the Bad Blocks that are present when the de-
vice is shipped and the Bad Blocks that could de-
velop later on.
These blocks need to be managed using Bad
Blocks Management, Block Replacement or Error
Correction Codes (refer to SOFTWARE ALGO-
RITHMS section).
Table 4. Valid Blocks
Figure 8. Memory Array Organization
Density of Device
Min
Max
8 Gbits
8032
8192
4 Gbits
4016
4096
2 Gbits
2008
2048
1Gbit
1004
1024
512 Mbits
502
512
AI09854
Block = 64 Pages
Page = 2112 Bytes (2,048 + 64)
2,048 Bytes
2048 Bytes
Spare
Area
64
Bytes
Block
8 bits
64
Bytes
8 bits
Page
Page Buffer, 2112 Bytes
Block = 64 Pages
Page = 1056 Words (1024 + 32)
1,024 Words
1024 Words
Spare
Area
Main Area
32
Words
16 bits
32
Words
16 bits
Page Buffer, 1056 Words
Block
Page
x8 DEVICES
x16 DEVICES
Main Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com