Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet(PDF) 33 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 29Page - STMicroelectronics NAND512-B Datasheet HTML 30Page - STMicroelectronics NAND512-B Datasheet HTML 31Page - STMicroelectronics NAND512-B Datasheet HTML 32Page - STMicroelectronics NAND512-B Datasheet HTML 33Page - STMicroelectronics NAND512-B Datasheet HTML 34Page - STMicroelectronics NAND512-B Datasheet HTML 35Page - STMicroelectronics NAND512-B Datasheet HTML 36Page - STMicroelectronics NAND512-B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
33/59
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
DATA PROTECTION
The device has both hardware and software fea-
tures to protect against program and erase opera-
tions.
It features a Write Protect, WP, pin, which can be
used to protect the device against program and
erase operations. It is recommended to keep WP
at VIL during power-up and power-down.
In addition, to protect the memory from any invol-
untary program/erase operations during power-
transitions, the device has an internal voltage de-
tector which disables all functions whenever VCC
is below 1.5V.
The device features a Block Lock mode, which is
enabled by setting the Power-Up Read Enable,
Lock/Unlock Enable, PRL, signal to High.
The Block Lock mode has two levels of software
protection.
■
Blocks Lock/Unlock
■
Blocks Lock-down
Refer to Figure 21. for an overview of the protec-
tion mechanism.
Blocks Lock
All the blocks are locked simultaneously by issuing
a Blocks Lock command (see Table 10.).
All blocks are locked after power-up and when the
Write Protect signal is Low.
Once all the blocks are locked, one sequence of
consecutive blocks can be unlocked by using the
Blocks Unlock command.
Refer to Figure 25., Command Latch AC Wave-
forms for details on how to issue the command.
Blocks Unlock
A sequence of consecutive locked blocks can be
unlocked, to allow program or erase operations, by
issuing an Blocks Unlock command (see Table
10.).
The Blocks Unlock command consists of four
steps:
■
One bus cycle to setup the command
■
two or three bus cycles to give the Start Block
Address (refer to Table 8. , Table 9. and
Figure 19.)
■
one bus cycle to confirm the command
■
two or three bus cycles to give the End Block
Address (refer to Table 8. , Table 9.and Figure
19.).
The Start Block Address must be nearer the logi-
cal LSB (Least Significant Bit) than End Block Ad-
dress.
If the Start Block Address is the same as the End
Block Address, only one block is unlocked.
Only one consecutive area of blocks can be un-
locked at any one time. It is not possible to unlock
multiple areas.
Figure 19. Blocks Unlock Operation
Note: Three address cycles are required for 2,4 and 8 Gb devices. The 512Mb and 1Gb devices only require two address cycles.
I/O
WP
Start Block Address, 3 cycles
ai08670
23h
Blocks Unlock
Command
Add1
Add2
Add3
24h
Add1
Add2
Add3
End Block Address, 3 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com