Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet(PDF) 8 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 4Page - STMicroelectronics NAND512-B Datasheet HTML 5Page - STMicroelectronics NAND512-B Datasheet HTML 6Page - STMicroelectronics NAND512-B Datasheet HTML 7Page - STMicroelectronics NAND512-B Datasheet HTML 8Page - STMicroelectronics NAND512-B Datasheet HTML 9Page - STMicroelectronics NAND512-B Datasheet HTML 10Page - STMicroelectronics NAND512-B Datasheet HTML 11Page - STMicroelectronics NAND512-B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
8/59
Table 2. Product Description
Note: 1. Both Single and Dual Die devices.
2. Dual Die devices only.
Figure 2. Logic Block Diagram
Reference
Part Number
Density
Bus
Width
Page
Size
Block
Size
Memory
Array
Operating
Voltage
Timings
Packages
Random
Access
(max)
Sequential
Access
(min)
Page
Program
(typ)
Block
Erase (typ)
NAND512-B
NAND512R3B
512Mbit
x8
2048+64
Bytes
128K+4K
Bytes
64 Pages x
512 Blocks
1.7 to 1.95V
25µs
60ns
300µs
2ms
TSOP48
USOP48
VFBGA63
NAND512W3B
2.7 to 3.6V
25µs
50ns
300µs
NAND512R4B
x16
1024+32
Words
64K+2K
Words
1.7 to 1.95V
25µs
60ns
300µs
NAND512W4B
2.7 to 3.6V
25µs
50ns
300µs
NAND01G-B
NAND01GR3B
1Gbit
x8
2048+64
Bytes
128K+4K
Bytes
64 Pages x
1024 Blocks
1.7 to 1.95V
25µs
60ns
300µs
2ms
TSOP48
USOP48
VFBGA63
NAND01GW3B
2.7 to 3.6V
25µs
50ns
300µs
NAND01GR4B
x16
1024+32
Words
64K+2K
Words
1.7 to 1.95V
25µs
60ns
300µs
NAND01GW4B
2.7 to 3.6V
25µs
50ns
300µs
NAND02G-B
NAND02GR3B
2Gbit
x8
2048+64
Bytes
128K+4K
Bytes
64 Pages x
2048 Blocks
1.7 to 1.95V
25µs
60ns
300µs
2ms
TSOP48(1)
TFBGA63(2)
NAND02GW3B
2.7 to 3.6V
25µs
50ns
300µs
NAND02GR4B
x16
1024+32
Words
64K+2K
Words
1.7 to 1.95V
25µs
60ns
300µs
NAND02GW4B
2.7 to 3.6V
25µs
50ns
300µs
NAND04G-B
NAND04GR3B
4Gbit
x8
2048+64
Bytes
128K+4K
Bytes
64 Pages x
4096 Blocks
1.7 to 1.95V
25µs
60ns
300µs
2ms
TSOP48
NAND04GW3B
2.7 to 3.6V
25µs
50ns
300µs
NAND04GR4B
x16
1024+32
Words
64K+2K
Words
1.7 to 1.95V
25µs
60ns
300µs
NAND04GW4B
2.7 to 3.6V
25µs
50ns
300µs
NAND08G-B
NAND08GR3B
8Gbit
x8
2048+64
Bytes
128K+4K
Bytes
64 Pages x
8192 Blocks
1.7 to 1.95V
25µs
60ns
300µs
2ms
TSOP48
LFBGA63
NAND08GW3B
2.7 to 3.6V
25µs
50ns
300µs
NAND08GR4B
x16
1024+32
Words
64K+2K
Words
1.7 to 1.95V
25µs
60ns
300µs
NAND08GW4B
2.7 to 3.6V
25µs
50ns
300µs
Address
Register/Counter
Command
Interface
Logic
P/E/R Controller,
High Voltage
Generator
WP
I/O Buffers & Latches
I/O8-I/O15, x16
E
W
AI09373b
R
Y Decoder
Page Buffer
NAND Flash
Memory Array
I/O0-I/O7, x8/x16
Command Register
CL
AL
Cache Register
RB
PRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com