Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-B Datasheet(PDF) 56 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 56 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 51Page - STMicroelectronics NAND512-B Datasheet HTML 52Page - STMicroelectronics NAND512-B Datasheet HTML 53Page - STMicroelectronics NAND512-B Datasheet HTML 54Page - STMicroelectronics NAND512-B Datasheet HTML 55Page - STMicroelectronics NAND512-B Datasheet HTML 56Page - STMicroelectronics NAND512-B Datasheet HTML 57Page - STMicroelectronics NAND512-B Datasheet HTML 58Page - STMicroelectronics NAND512-B Datasheet HTML 59Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
56/59
Figure 42. LFBGA63 9.5x12mm - 6x8 active ball array, 0.80mm pitch, Package Outline
Table 30. LFBGA63 9.5x12mm - 6x8 active ball array, 0.80mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.400
0.0551
A1
0.250
0.0098
A2
0.800
0.0315
b
0.450
0.400
0.500
0.0177
0.0157
0.0197
D
8.500
8.400
8.600
0.3346
0.3307
0.3386
D1
4.000
0.1575
D2
7.200
0.2835
ddd
0.100
0.0039
E
15.000
14.900
15.100
0.5906
0.5866
0.5945
E1
5.600
0.2205
E2
8.800
0.3465
e
0.800
–
–
0.0315
–
–
FD
2.250
0.0886
FD1
0.650
0.0256
FE
4.700
0.1850
FE1
3.100
0.1220
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–
E
D
eb
SD
SE
A2
A1
A
BGA-Z59
ddd
FD1
D2
E2
e
FE
BALL "A1"
FE1
e
E1
D1
FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com