Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC531000AF Datasheet (PDF) - Toshiba Semiconductor

TC531000AF Datasheet PDF - Toshiba Semiconductor
Part # TC531000AF
Download  TC531000AF Download
File Size   186.47 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1M BIT (128K WORD X8 BIT) CMOS MASK ROM SILICON GATE CMOS

TC531000AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TC531000AF Datasheet PDF - Toshiba Semiconductor

Part # TC531000AF
Download  TC531000AF Click to download

File Size   186.47 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1M BIT (128K WORD X8 BIT) CMOS MASK ROM SILICON GATE CMOS

TC531000AF Datasheet (HTML) - Toshiba Semiconductor


TC531000AF Product details

DESCRIPTION
The TC531000AP/AF is a 1,048,576 bits read only
memory organized as 131,072 words by 8 bits with a low
bit cost, thus being suitable for use in program memory
of microprocessor, especially character generator. The
TC531000AP/AF using CMOS techrology is most
suitable for low power applications where battery opera-
tion are required.
The TC531000AP/AF has one chip enable input
CE/CE, programmable for device selection.

FEATURES
Single 5V Power Supply
Access Time: 150ns (Max.)
Power Dissipation
Operating Current: 40mA (Max.)
Standby Current: 20μA (Max.)
All Inputs and Outputs: TTL Compatible
Three State Outputs
Fully Static Operation
Programmable Chip Enable
● Package
Plastic DIP: TC531000AP
Plastic FP: TC531000AF




Similar Part No. - TC531000AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC531001 TOSHIBA-TC531001 Datasheet
235Kb / 5P
1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
TC531001CF-12 TOSHIBA-TC531001CF-12 Datasheet
235Kb / 5P
1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
TC531001CF-15 TOSHIBA-TC531001CF-15 Datasheet
235Kb / 5P
1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
TC531001CP-12 TOSHIBA-TC531001CP-12 Datasheet
235Kb / 5P
1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
TC531001CP-15 TOSHIBA-TC531001CP-15 Datasheet
235Kb / 5P
1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
More results


Similar Description - TC531000AF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
128K-BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C040 HOLTEK-HT23C040 Datasheet
140Kb / 10P
CMOS 512Kx8-Bit Mask ROM
January 20, 2000
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
8M-BIT [1M x 8] CMOS MASK ROM
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
1MX8 BIT CMOS MASK ROM
logo
Toshiba Semiconductor
TC531001 TOSHIBA-TC531001 Datasheet
235Kb / 5P
1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
TC53257P TOSHIBA-TC53257P Datasheet
189Kb / 4P
256K BIT (32K WORD x 8 BIT) CMOS MASK ROM SILICON GATE MOS
logo
List of Unclassifed Man...
TC531024P-12 ETC1-TC531024P-12 Datasheet
226Kb / 5P
1M BIT (65536 WORD X 16 BIT) CMOS MASK ROM
logo
Macronix International
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
1M-BIT [64K x 16] CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
CMOS 64Kx8-Bit Mask ROM
August 30, 2002
logo
Toshiba Semiconductor
TC534000P TOSHIBA-TC534000P Datasheet
170Kb / 4P
4M BIT (512K WORDX8 BIT) CMOS MASK ROM SILICON GATE CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com