Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC38101 Datasheet (PDF) - STMicroelectronics

SOC38101 Datasheet PDF - STMicroelectronics
Part # SOC38101
Download  SOC38101 Download
File Size   359.79 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 60 V, 0.05 A PNP dual matched transistor

SOC38101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SOC38101 Datasheet PDF - STMicroelectronics

Part # SOC38101
Download  SOC38101 Click to download

File Size   359.79 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 60 V, 0.05 A PNP dual matched transistor

SOC38101 Datasheet (HTML) - STMicroelectronics


SOC38101 Product details

Features
• Hermetic packages
• ESCC and JANS qualified
• Up to 100 krad(Si) low dose rate

Description
2N3810K and SOC3810HR are silicon planar PNP dual matched transistors
packaged in Flat-8 and LCC-6 respectively and available in 100 krad versions. They
are specifically designed for aerospace Hi-Rel applications and qualified as per
ESCC 5207/005 specification. In case of discrepancies between this datasheet and
the relevant agency specification, the latter takes precedence.




Similar Part No. - SOC38101

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SOC38C SUNTSU-SOC38C Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC38C05F05 SUNTSU-SOC38C05F05 Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC38C05F15 SUNTSU-SOC38C05F15 Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC38C05F26 SUNTSU-SOC38C05F26 Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC38C05F37 SUNTSU-SOC38C05F37 Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
More results


Similar Description - SOC38101

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
05-Jan-2010
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2ST15300 STMICROELECTRONICS-2ST15300 Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com