Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet (PDF) - STMicroelectronics

ST7LUS5 Datasheet PDF - STMicroelectronics
Part # ST7LUS5
Download  ST7LUS5 Download
File Size   2000.9 Kbytes
Page   124 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers

ST7LUS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7LUS5 Datasheet PDF - STMicroelectronics

Part # ST7LUS5
Download  ST7LUS5 Click to download

File Size   2000.9 Kbytes
Page   124 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers

ST7LUS5 Datasheet (HTML) - STMicroelectronics


ST7LUS5 Product details

Features
Memories
■ 1 to 2 Kbytes single voltage Flash program
memory with readout protection, in-circuit and
in-application programming (ICP and IAP), 10k
write/erase cycles guaranteed, data retention
20 years at 55°C
■ 128 bytes RAM
■ Up to 128 bytes data EEPROM, 300k
write/erase cycles guaranteed, data retention
20 years at 55°C
Clock, reset and supply management
■ Internal low voltage supervisor (LVD) for
reliable power-on/-off start-up procedures
■ Clock sources: Internal trimmable 8 MHz RC
oscillator, internal low power, low frequency
RC oscillator or external clock
■ 5 power saving modes: Halt, Auto Wake-up
from Halt, Active Halt, Wait and Slow
Interrupt management
■ 11 interrupt vectors plus TRAP and RESET
■ 5 external interrupt lines (on 5 vectors)
I/O ports
■ 5 multifunctional bidirectional I/O lines
■ 1 additional output line
■ 6 alternate function lines
■ 5 high sink outputs
2 timers
■ One 8-bit Lite timer (LT) with prescaler
including: Watchdog, 1 real-time base and 1
input capture
■ One 12-bit auto-reload timer (AT) with output
compare function and PWM
A/D converter
■ 10-bit resolution for 0 to VDD
■ 5 input channels
Instruction set
■ 8-bit data manipulation
■ 63 basic instructions with illegal opcode
detection
■ 17 main addressing modes
■ 8 x 8 unsigned multiply instruction
Development tools
■ Full hardware/software development package
■ Debug module

Description
The ST7LUxx devices are members of the ST7 microcontroller family designed for midrange
automotive applications running from 3 to 5.5V.
All ST7 devices are based on a common industry-standard 8-bit core, featuring an
enhanced instruction set and are available with Flash or preprogramed memory. The ST7
family architecture offers both power and flexibility to software developers, enabling the
design of highly efficient and compact application code.
The on-chip peripherals include an A/D converter, a Lite timer and and an auto-reload timer.
For power economy, the microcontroller can switch dynamically into Halt, Auto Wake-up
from Halt, Active Halt, Wait, or Slow mode when the application is in idle or standby state.
The devices feature an on-chip Debug Module (DM) to support in-circuit debugging (ICD).
For a description of the DM registers, refer to the ST7 ICC Protocol Reference Manual.
Typical applications include:
● all types of car body applications such as window lift, DC motor control, sunroof
● Remote keyless entry (RKE)
● Safety microcontroller (sub-MCU)




Similar Part No. - ST7LUS5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7L09 STMICROELECTRONICS-ST7L09 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST7L19 STMICROELECTRONICS-ST7L19 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST7LCRDIE6 STMICROELECTRONICS-ST7LCRDIE6 Datasheet
394Kb / 29P
Full-speed USB MCU with smartcard interface
23-Oct-2007
More results


Similar Description - ST7LUS5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
8-bit MCU with single voltage Flash memory, ADC, timers
Jan-2007
ST7LITEU05 STMICROELECTRONICS-ST7LITEU05 Datasheet
2Mb / 115P
8-bit MCU with single voltage Flash memory, ADC, timers
May-2007
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
23-Nov-2007
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
17-Oct-2007
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
29-Oct-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com