Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7LUS5 Datasheet HTML 1Page - STMicroelectronics ST7LUS5 Datasheet HTML 2Page - STMicroelectronics ST7LUS5 Datasheet HTML 3Page - STMicroelectronics ST7LUS5 Datasheet HTML 4Page - STMicroelectronics ST7LUS5 Datasheet HTML 5Page - STMicroelectronics ST7LUS5 Datasheet HTML 6Page - STMicroelectronics ST7LUS5 Datasheet HTML 7Page - STMicroelectronics ST7LUS5 Datasheet HTML 8Page - STMicroelectronics ST7LUS5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2007
Rev 1
1/124
1
ST7LUS5, ST7LU05, ST7LU09
8-bit low cost, low pin-count MCU for automotive,
with single voltage Flash memory, ADC, timers
Features
Memories
■ 1 to 2 Kbytes single voltage Flash program
memory with readout protection, in-circuit and
in-application programming (ICP and IAP), 10k
write/erase cycles guaranteed, data retention
20 years at 55°C
■ 128 bytes RAM
■ Up to 128 bytes data EEPROM, 300k
write/erase cycles guaranteed, data retention
20 years at 55°C
Clock, reset and supply management
■ Internal low voltage supervisor (LVD) for
reliable power-on/-off start-up procedures
■ Clock sources: Internal trimmable 8 MHz RC
oscillator, internal low power, low frequency
RC oscillator or external clock
■ 5 power saving modes: Halt, Auto Wake-up
from Halt, Active Halt, Wait and Slow
Interrupt management
■ 11 interrupt vectors plus TRAP and RESET
■ 5 external interrupt lines (on 5 vectors)
I/O ports
■ 5 multifunctional bidirectional I/O lines
■ 1 additional output line
■ 6 alternate function lines
■ 5 high sink outputs
2 timers
■ One 8-bit Lite timer (LT) with prescaler
including: Watchdog, 1 real-time base and 1
input capture
■ One 12-bit auto-reload timer (AT) with output
compare function and PWM
A/D converter
■ 10-bit resolution for 0 to VDD
■ 5 input channels
Instruction set
■ 8-bit data manipulation
■ 63 basic instructions with illegal opcode
detection
■ 17 main addressing modes
■ 8 x 8 unsigned multiply instruction
Development tools
■ Full hardware/software development package
■ Debug module
SO8 150-mil
Table 1.
Device summary
Features
ST7LUS5
ST7LU05
ST7LU09
Program memory
1 Kbyte
2 Kbytes
RAM / EEPROM (bytes)
128 / -
128 / -
128 / 128
Peripherals
LT Timer with Watchdog, AT Timer with 1 PWM
ADC
10-bit
Operating supply
3.0V to 5.5V @ fCPU =8MHz
CPU frequency
up to 8 MHz RC
Operating temperature
-40°C to +85°C / -40°C to 125°C
Packages
SO8 150-mil
www.st.com


Similar Part No. - ST7LUS5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7L09 STMICROELECTRONICS-ST7L09 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST7L19 STMICROELECTRONICS-ST7L19 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST7LCRDIE6 STMICROELECTRONICS-ST7LCRDIE6 Datasheet
394Kb / 29P
Full-speed USB MCU with smartcard interface
23-Oct-2007
More results

Similar Description - ST7LUS5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
8-bit MCU with single voltage Flash memory, ADC, timers
Jan-2007
ST7LITEU05 STMICROELECTRONICS-ST7LITEU05 Datasheet
2Mb / 115P
8-bit MCU with single voltage Flash memory, ADC, timers
May-2007
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
23-Nov-2007
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
17-Oct-2007
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
29-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com