Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 11Page - STMicroelectronics ST7LUS5 Datasheet HTML 12Page - STMicroelectronics ST7LUS5 Datasheet HTML 13Page - STMicroelectronics ST7LUS5 Datasheet HTML 14Page - STMicroelectronics ST7LUS5 Datasheet HTML 15Page - STMicroelectronics ST7LUS5 Datasheet HTML 16Page - STMicroelectronics ST7LUS5 Datasheet HTML 17Page - STMicroelectronics ST7LUS5 Datasheet HTML 18Page - STMicroelectronics ST7LUS5 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Register and memory map
15/124
Figure 4.
Memory map (ST7LU05 and ST7LU09)
1.
ST7LU09 only; area reserved in ST7LU05
2.
DEE0h, DEE1h, DEE2h and DEE3h addresses are located in a reserved area but are special bytes containing also the RC
calibration values which are read-accessible only in user mode. If all the EEPROM data or Flash space (including the RC
calibration values locations) has been erased (after the readout protection removal), then the RC calibration values can still
be obtained through these addresses.
3.
Configurable by option byte
0.5 to 2 Kbytes
0 to 1.5 Kbytes
SECTOR 1
SECTOR 0(2)
0000h
RAM
Flash Memory
(2 Kbytes)
Interrupt and Reset Vectors
HW Registers
0080h
007Fh
(see Table 3)
FFE0h
FFFFh
(see Table 15)
0100h
00FFh
Short Addressing
RAM (zero page)
64-byte Stack
00FFh
0080h
00C0h
(128 bytes)
F800h
F7FFh
Reserved
FFDFh
2Kbyte Flash
FFFFh
FA01h
FDFEh
F800h
Program Memory
DEE0h(2)
RCCRH0
RCCRL0
DEE1h(2)
See also Section 6.1 on page 27
RCCRH1
RCCRL1
DEE2h(2)
DEE3h(2)
Data EEPROM(1)
(128 bytes)
1000h
0FFFh
1080h
107Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com