Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 69Page - STMicroelectronics ST7LUS5 Datasheet HTML 70Page - STMicroelectronics ST7LUS5 Datasheet HTML 71Page - STMicroelectronics ST7LUS5 Datasheet HTML 72Page - STMicroelectronics ST7LUS5 Datasheet HTML 73Page - STMicroelectronics ST7LUS5 Datasheet HTML 74Page - STMicroelectronics ST7LUS5 Datasheet HTML 75Page - STMicroelectronics ST7LUS5 Datasheet HTML 76Page - STMicroelectronics ST7LUS5 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
On-chip peripherals
73/124
Auto reload register high (ATRH)
Auto reload register low (ATRL)
PWM0 duty cycle register high (DCR0H)
PWM0 duty cycle register low (DCR0L)
ATRH
Reset value: 0000 0000 (00h)
15
14
13
12
11
10
9
8
Reserved
ATR11
ATR10
ATR9
ATR8
-
R/W
R/W
R/W
R/W
ATRL
Reset value: 0000 0000 (00h)
7
654
32
10
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 42.
ATR high and low register descriptions
Bits
Name
Function
15:12
-
Reserved, must be kept cleared.
11:0
ATR[11:0]
Autoreload Register
This is a 12-bit register which is written by software. The ATR register value is
automatically loaded into the up counter when an overflow occurs. The
register value is used to set the PWM frequency.
DCR0H
Reset value: 0000 0000 (00h)
15
14
13
12
11
10
9
8
Reserved
DCR11
DCR10
DCR9
DCR8
-
R/W
R/W
R/W
R/W
DCR0L
Reset value: 0000 0000 (00h)
7
654
32
10
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 43.
DCR0 high and low register descriptions
Bits
Name
Function
15:12
-
Reserved, must be kept cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com