Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 24Page - STMicroelectronics ST7LUS5 Datasheet HTML 25Page - STMicroelectronics ST7LUS5 Datasheet HTML 26Page - STMicroelectronics ST7LUS5 Datasheet HTML 27Page - STMicroelectronics ST7LUS5 Datasheet HTML 28Page - STMicroelectronics ST7LUS5 Datasheet HTML 29Page - STMicroelectronics ST7LUS5 Datasheet HTML 30Page - STMicroelectronics ST7LUS5 Datasheet HTML 31Page - STMicroelectronics ST7LUS5 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
Supply, reset and clock management
ST7LUS5, ST7LU05, ST7LU09
28/124
Refer to application note AN2326 for information on how to calibrate the RC frequency using
an external reference signal.
The ST7LUxx also contains an Auto Wake-up RC oscillator. This RC oscillator should be
enabled to enter Auto Wake-up from Halt mode.
The Auto Wake-up RC oscillator can also be configured as the startup clock through the
CKSEL[1:0] option bits (see Section 14.1 on page 114).
This is recommended for applications where very low power consumption is required.
Switching from one startup clock to another can be done in run mode as follows (see
Figure 8):
Case 1: Switching from internal RC to AWU:
1.
Set the RC/AWU bit in the CKCNTCSR register to enable the AWU RC oscillator.
2.
The RC_FLAG is cleared and the clock output is at 1.
3.
Wait 3 AWU RC cycles until the AWU_FLAG is set.
4.
The switch to the AWU clock is made at the positive edge of the AWU clock signal.
5.
Once the switch is made, the internal RC is stopped.
Case 2: Switching from AWU RC to internal RC:
1.
Reset the RC/AWU bit to enable the internal RC oscillator.
2.
Using a 4-bit counter, wait until 8 internal RC cycles have elapsed. The counter is
running on internal RC clock.
3.
Wait until the AWU_FLAG is cleared (1 AWU RC cycle) and the RC_FLAG is set (2 RC
cycles).
4.
The switch to the internal RC clock is made at the positive edge of the internal RC clock
signal.
5.
Once the switch is made, the AWU RC is stopped.
Note:
1
When the internal RC is not selected, it is stopped so as to save power consumption.
2
When the internal RC is selected, the AWU RC is turned on by hardware when entering
Auto Wake-up from Halt mode.
3
When the external clock is selected, the AWU RC oscillator is always on.
Figure 8.
Clock switching
AWU RC
Set RC/AWU
Poll AWU_FLAG until set
Internal RC
Reset RC/AWU
Poll RC_FLAG until set
AWU RC
Internal RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com