Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 10Page - STMicroelectronics ST7LUS5 Datasheet HTML 11Page - STMicroelectronics ST7LUS5 Datasheet HTML 12Page - STMicroelectronics ST7LUS5 Datasheet HTML 13Page - STMicroelectronics ST7LUS5 Datasheet HTML 14Page - STMicroelectronics ST7LUS5 Datasheet HTML 15Page - STMicroelectronics ST7LUS5 Datasheet HTML 16Page - STMicroelectronics ST7LUS5 Datasheet HTML 17Page - STMicroelectronics ST7LUS5 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 124 page
background image
Register and memory map
ST7LUS5, ST7LU05, ST7LU09
14/124
3
Register and memory map
As shown in Figure 3 and Figure 4, the MCU is capable of addressing 64 Kbytes of
memories and I/O registers.
The available memory locations consist of 128 bytes of register locations, 128 bytes of RAM
and 1 Kbyte or 2 Kbytes of user program memory. The RAM space includes up to 64 bytes
for the stack from 00C0h to 00FFh.
The highest address bytes contain the user reset and interrupt vectors.
The Flash memory contains two sectors (see Figure 3 and Figure 4) mapped in the upper
part of the ST7 addressing space whereas the reset and interrupt vectors are located in
Sector 0 (FE00h-FFFFh for the ST7LUS5 and FA01h-FFFFh for the ST7LU05/ST7LU09).
The size of Flash sector 0 and other device options are configurable by the option bytes.
Caution:
Memory locations marked as “Reserved” must never be accessed. Accessing a reserved
area can have unpredictable effects on the device.
Figure 3.
Memory map (ST7LUS5)
1.
DEE0h, DEE1h, DEE2h and DEE3h addresses are located in a reserved area but are special bytes containing also the RC
calibration values which are read-accessible only in user mode. If all the EEPROM data or Flash space (including the RC
calibration values locations) has been erased (after the readout protection removal), then the RC calibration values can still
be obtained through these addresses.
2.
Size configurable by option byte
0000h
RAM
Flash Memory
(1 Kbyte)
Interrupt and Reset Vectors
HW Registers
0080h
007Fh
(see Table 3)
FFE0h
FFFFh
(see Table 15)
0100h
00FFh
Short Addressing
RAM (zero page)
64-byte Stack
00FFh
0080h
00C0h
(128 bytes)
FC00h
FBFFh
Reserved
FFDFh
0.5 to 1 Kbytes
0 to 0.5 Kbytes
SECTOR 1
SECTOR 0(2)
1Kbyte Flash
FFFFh
FE00h
FDFFh
FC00h
Program Memory
DEE0h(1)
RCCRH0
RCCRL0
DEE1h(1)
See also Section 6.1 on page 27
RCCRH1
RCCRL1
DEE2h(1)
DEE3h(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com