Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 51Page - STMicroelectronics ST7LUS5 Datasheet HTML 52Page - STMicroelectronics ST7LUS5 Datasheet HTML 53Page - STMicroelectronics ST7LUS5 Datasheet HTML 54Page - STMicroelectronics ST7LUS5 Datasheet HTML 55Page - STMicroelectronics ST7LUS5 Datasheet HTML 56Page - STMicroelectronics ST7LUS5 Datasheet HTML 57Page - STMicroelectronics ST7LUS5 Datasheet HTML 58Page - STMicroelectronics ST7LUS5 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Power saving modes
55/124
AWUFH prescaler register (AWUPR)
In AWU mode, the period that the MCU stays in Halt mode (tAWU in Figure 24 on page 52) is
defined by:
This prescaler register can be programmed to modify the time that the MCU stays in Halt
mode before waking up automatically.
Note:
If 00h is written to AWUPR, depending on the product, an interrupt is generated immediately
after a HALT instruction, or the AWUPR remains unchanged.
AWUPR
Reset value: 1111 1111 (FFh)
765
432
10
AWUPR[7:0]
R/W
Table 23.
AWUPR register description
Bit
Name
Function
7:0 AWUPR[7:0]
Auto Wake-up Prescaler
These 8 bits define the AWUPR division factor (as explained below).
This prescaler register can be programmed to modify the time that the MCU
stays in Halt mode before waking up automatically.
Note: If 00h is written to AWUPR, depending on the product, an interrupt is
generated immediately after a HALT instruction, or the AWUPR remains
unchanged.
Table 24.
AWUPR division factors
AWUPR[7:0]
Division factor
00h
Forbidden
01h
1
...
...
FEh
254
FFh
255
t
AWU
64
AWUPR
×
1
f
AWURC
--------------------------t
RCSTRT
+
×
=
Table 25.
AWU register map and reset values
Address (Hex.) Register label
7
6
5
4321
0
004Ah
AWUCSR
Reset value
0
0
0
0
0
AWUF
AWUM
AWUEN
0049h
AWUPR
Reset value
AWUPR7
1
AWUPR6
1
AWUPR5
1
AWUPR4
1
AWUPR3
1
AWUPR2
1
AWUPR1
1
AWUPR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com