Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 7Page - STMicroelectronics ST7LUS5 Datasheet HTML 8Page - STMicroelectronics ST7LUS5 Datasheet HTML 9Page - STMicroelectronics ST7LUS5 Datasheet HTML 10Page - STMicroelectronics ST7LUS5 Datasheet HTML 11Page - STMicroelectronics ST7LUS5 Datasheet HTML 12Page - STMicroelectronics ST7LUS5 Datasheet HTML 13Page - STMicroelectronics ST7LUS5 Datasheet HTML 14Page - STMicroelectronics ST7LUS5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Description
11/124
1
Description
The ST7LUxx devices are members of the ST7 microcontroller family designed for mid-
range automotive applications running from 3 to 5.5V.
All ST7 devices are based on a common industry-standard 8-bit core, featuring an
enhanced instruction set and are available with Flash or preprogramed memory. The ST7
family architecture offers both power and flexibility to software developers, enabling the
design of highly efficient and compact application code.
The on-chip peripherals include an A/D converter, a Lite timer and and an auto-reload timer.
For power economy, the microcontroller can switch dynamically into Halt, Auto Wake-up
from Halt, Active Halt, Wait, or Slow mode when the application is in idle or standby state.
The devices feature an on-chip Debug Module (DM) to support in-circuit debugging (ICD).
For a description of the DM registers, refer to the ST7 ICC Protocol Reference Manual.
Typical applications include:
all types of car body applications such as window lift, DC motor control, sunroof
Remote keyless entry (RKE)
Safety microcontroller (sub-MCU)
Figure 1.
General block diagram
1.
Optional on certain devices
8-bit CORE
ALU
RESET
PORT A
10-bit ADC
with WATCHDOG
Internal
Clock
CONTROL
RAM
(128 bytes)
PA5:0
(6 bits)
VSS
VDD
POWER
SUPPLY
AWU RC OSC
LITE TIMER
MEMORY
12-bit AUTO-
RELOAD TIMER
FLASH
Up to 2 Kbytes
LVD
DATA EEPROM(1)
(128 bytes)
External
Clock
8 MHz RC OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com