Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 91Page - STMicroelectronics ST7LUS5 Datasheet HTML 92Page - STMicroelectronics ST7LUS5 Datasheet HTML 93Page - STMicroelectronics ST7LUS5 Datasheet HTML 94Page - STMicroelectronics ST7LUS5 Datasheet HTML 95Page - STMicroelectronics ST7LUS5 Datasheet HTML 96Page - STMicroelectronics ST7LUS5 Datasheet HTML 97Page - STMicroelectronics ST7LUS5 Datasheet HTML 98Page - STMicroelectronics ST7LUS5 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Electrical characteristics
95/124
Figure 38.
Internal RC oscillator frequency vs. temperature (RCCR = RCCR0) at
VDD =5.0V
Figure 39.
Internal RC oscillator frequency vs. temperature (RCCR = RCCR1) at
VDD =3.3V
7.75
8
8.25
-60
- 40
-20
0
20
40
60
80
100
120
140
T
A (°C)
4.5V
5.0V
5.5V
7.5
7.75
8
8.25
-60
- 40
-20
0
20
40
60
80
100
120
140
T
A (°C)
3.0V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com