Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 27Page - STMicroelectronics ST7LUS5 Datasheet HTML 28Page - STMicroelectronics ST7LUS5 Datasheet HTML 29Page - STMicroelectronics ST7LUS5 Datasheet HTML 30Page - STMicroelectronics ST7LUS5 Datasheet HTML 31Page - STMicroelectronics ST7LUS5 Datasheet HTML 32Page - STMicroelectronics ST7LUS5 Datasheet HTML 33Page - STMicroelectronics ST7LUS5 Datasheet HTML 34Page - STMicroelectronics ST7LUS5 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Supply, reset and clock management
31/124
6.2.5
Clock controller control/status register (CKCNTCSR)
CKCNTCSR
Reset value: 0000 1001 (09h)
7654
3
2
1
0
Reserved
AWU_FLAG
RC_FLAG
Reserved
RC/AWU
-
R/W
R/W
-
R/W
Table 11.
CKCNTCSR register description
Bit
Name
Function
7:4
-
Reserved, must be kept cleared.
3
AWU_FLAG
AWU Selection
This bit is set and cleared by hardware.
0: No switch from AWU to RC requested
1: AWU clock activated and temporization completed
2
RC_FLAG
RC Selection
This bit is set and cleared by hardware.
0: No switch from RC to AWU requested
1: RC clock activated and temporization completed
1
-
Reserved, must be kept cleared.
0
RC/AWU
RC/AWU Selection
0: RC enabled
1: AWU enabled (default value)
Table 12.
Clock register map and reset values
Address
(Hex.)
Register
label
76
54
3
2
1
0
0038h
MCCSR
Reset value
0
0
0
0
0
0
0
SMS
0
0039h
RCCR
Reset value
CR9
1
CR8
1
CR7
1
CR6
1
CR5
1
CR4
1
CR3
1
CR2
1
003Ah
SICSR
Reset value
0
CR1
0
CR0
00
0
LVDRF
x0
0
003Eh
INTRCPRR
Reset value
CK2
0
CK1
0
CK0
00
0
0
1
1
003Fh
CKCNTCSR
Reset value
0
0
0
0
AWU_FLAG
1
RC_FLAG
00
RC/AWU
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com