Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 53Page - STMicroelectronics ST7LUS5 Datasheet HTML 54Page - STMicroelectronics ST7LUS5 Datasheet HTML 55Page - STMicroelectronics ST7LUS5 Datasheet HTML 56Page - STMicroelectronics ST7LUS5 Datasheet HTML 57Page - STMicroelectronics ST7LUS5 Datasheet HTML 58Page - STMicroelectronics ST7LUS5 Datasheet HTML 59Page - STMicroelectronics ST7LUS5 Datasheet HTML 60Page - STMicroelectronics ST7LUS5 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
I/O ports
57/124
Spurious interrupts
When enabling/disabling an external interrupt by setting/resetting the related OR register bit,
a spurious interrupt is generated if the pin level is low and its edge sensitivity includes
falling/rising edge. This is due to the edge detector input which is switched to ‘1’ when the
external interrupt is disabled by the OR register.
To avoid this unwanted interrupt, a “safe” edge sensitivity (rising edge for enabling and
falling edge for disabling) has to be selected before changing the OR register bit and
configuring the appropriate sensitivity again.
Caution: In case a pin level change occurs during these operations (asynchronous signal
input), as interrupts are generated according to the current sensitivity, it is advised to disable
all interrupts before and to re-enable them after the complete previous sequence in order to
avoid an external interrupt occurring on the unwanted edge.
This corresponds to the following steps:
1.
To enable an external interrupt:
a)
set the interrupt mask with the SIM instruction (in cases where a pin level change
could occur)
b)
select rising edge
c)
enable the external interrupt through the OR register
d)
select the desired sensitivity if different from rising edge
e)
reset the interrupt mask with the RIM instruction (in cases where a pin level
change could occur)
2.
To disable an external interrupt:
a)
set the interrupt mask with the SIM instruction SIM (in cases where a pin level
change could occur)
b)
select falling edge
c)
disable the external interrupt through the OR register
d)
select rising edge
9.2.2
Output modes
The output configuration is selected by setting the corresponding DDR register bit. In this
case, writing the DR register applies this digital value to the I/O pin through the latch. Then
reading the DR register returns the previously stored value.
Two different output modes can be selected by software through the OR register: Output
push-pull and open-drain.
Note:
When switching from input to output mode, the DR register has to be written first to drive the
correct level on the pin as soon as the port is configured as an output.
Table 26.
I/O output mode selection
DR
Push-pull
Open-drain
0VSS
VSS
1VDD
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com