Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 65Page - STMicroelectronics ST7LUS5 Datasheet HTML 66Page - STMicroelectronics ST7LUS5 Datasheet HTML 67Page - STMicroelectronics ST7LUS5 Datasheet HTML 68Page - STMicroelectronics ST7LUS5 Datasheet HTML 69Page - STMicroelectronics ST7LUS5 Datasheet HTML 70Page - STMicroelectronics ST7LUS5 Datasheet HTML 71Page - STMicroelectronics ST7LUS5 Datasheet HTML 72Page - STMicroelectronics ST7LUS5 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
On-chip peripherals
69/124
PWM frequency and duty cycle
The PWM signal frequency (fPWM) is controlled by the counter period and the ATR register
value.
fPWM = fCOUNTER / (4096 - ATR)
Following the above formula, if fCPU is 8 MHz, the maximum value of fPWM is 4 MHz (ATR
register value = 4094), and the minimum value is 2 kHz (ATR register value = 0).
Note:
The maximum value of ATR is 4094 because it must be lower than the DCR value which
must be 4095 in this case.
At reset, the counter starts counting from 0.
Software must write the duty cycle value in the DCR0H and DCR0L preload registers. The
DCR0H register must be written first. See caution below.
When a up counter overflow occurs (OVF event), the ATR value is loaded in the up counter,
the preloaded Duty cycle value is transferred to the Duty Cycle register and the PWM0
signal is set to a high level. When the up counter matches the DCRx value the PWM0
signals is set to a low level. To obtain a signal on the PWM0 pin, the contents of the DCR0
register must be greater than the contents of the ATR register.
The polarity bit can be used to invert the output signal.
The maximum available resolution for the PWM0 duty cycle is:
Resolution = 1 / (4096 - ATR)
Note:
To get the maximum resolution (1/4096), the ATR register must be 0. With this maximum
resolution and assuming that DCR = ATR, a 0% or 100% duty cycle can be obtained by
changing the polarity.
Caution:
As soon as the DCR0H is written, the compare function is disabled and will start only when
the DCR0L value is written. If the DCR0H write occurs just before the compare event, the
signal on the PWM output may not be set to a low level. In this case, the DCRx register
should be updated just after an OVF event. If the DCR and ATR values are close, then the
DCRx register should be updated just before an OVF event, in order not to miss a compare
event and to have the right signal applied on the PWM output.
Figure 32.
PWM function
DUTY CYCLE
REGISTER
AUTO-RELOAD
REGISTER
t
4095
000
WITH OE0 = 1
AND OP0 = 0
(ATR)
(DCR0)
WITH OE0 = 1
AND OP0 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com