Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 68Page - STMicroelectronics ST7LUS5 Datasheet HTML 69Page - STMicroelectronics ST7LUS5 Datasheet HTML 70Page - STMicroelectronics ST7LUS5 Datasheet HTML 71Page - STMicroelectronics ST7LUS5 Datasheet HTML 72Page - STMicroelectronics ST7LUS5 Datasheet HTML 73Page - STMicroelectronics ST7LUS5 Datasheet HTML 74Page - STMicroelectronics ST7LUS5 Datasheet HTML 75Page - STMicroelectronics ST7LUS5 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
On-chip peripherals
ST7LUS5, ST7LU05, ST7LU09
72/124
Counter register high (CNTRH)
Counter register low (CNTRL)
1OVFIE
Overflow Interrupt Enable
This bit is read/write by software and cleared by hardware after a reset.
0: OVF interrupt disabled
1: OVF interrupt enabled
0CMPIE
Compare Interrupt Enable
This bit is read/write by software and cleared by hardware after a reset. It is used
to mask the interrupt generation when CMPF bit is set.
0: CMPF interrupt disabled
1: CMPF interrupt enabled
CNTRH
Reset value: 0000 0000 (00h)
15
14
13
12
11
10
9
8
Reserved
CNTR11
CNTR10
CNTR9
CNTR8
-
RORORO
RO
CNTRL
Reset value: 0000 0000 (00h)
7
654
32
10
CNTR7
CNTR6
CNTR5
CNTR4
CNTR3
CNTR2
CNTR1
CNTR0
RO
RO
RO
RO
RO
RO
RO
RO
Table 41.
CNTH High and Low counter descriptions
Bits
Name
Function
15:12
-
Reserved, must be kept cleared.
11:0
CNTR[11:0]
Counter Value
This 12-bit register is read by software and cleared by hardware after a reset.
The counter is incremented continuously as soon as a counter clock is
selected. To obtain the 12-bit value, software should read the counter value in
two consecutive read operations. As there is no latch, it is recommended to
read LSB first. In this case, CNTRH can be incremented between the two read
operations. To have an accurate result when fCOUNTER =fCPU, special care
must be taken when CNTRL values close to FFh are read.
When a counter overflow occurs, the counter restarts from the value specified
in the ATR register.
Table 40.
ATCSR register description
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com