Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 26Page - STMicroelectronics ST7LUS5 Datasheet HTML 27Page - STMicroelectronics ST7LUS5 Datasheet HTML 28Page - STMicroelectronics ST7LUS5 Datasheet HTML 29Page - STMicroelectronics ST7LUS5 Datasheet HTML 30Page - STMicroelectronics ST7LUS5 Datasheet HTML 31Page - STMicroelectronics ST7LUS5 Datasheet HTML 32Page - STMicroelectronics ST7LUS5 Datasheet HTML 33Page - STMicroelectronics ST7LUS5 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 124 page
background image
Supply, reset and clock management
ST7LUS5, ST7LU05, ST7LU09
30/124
6.2.3
System integrity (SI) control/status register (SICSR)
6.2.4
Internal RC prescaler selection register (INTRCPRR)
SICSR
Reset value: 0000 0x00 (0xh)
7
654
32
10
Reserved
CR[1:0]
Reserved
LVDRF
Reserved
-
R/W
-
R/W
-
Table 9.
SICSR register description
Bit
Name
Function
7
-
Reserved, must be kept cleared.
6:5 CR[1:0]
RC Oscillator Frequency Adjustment bits
These bits, as well as CR[9:2] bits in the RCCR register must be written
immediately after reset to adjust the RC oscillator frequency and to obtain the
required accuracy. Refer to Section 6.1 on page 27.
4:3
-
Reserved, must be kept cleared.
2:0
LVDRF
System Integrity bits
Refer to Section 7.4: System integrity management (SI).
1:0
-
Reserved, must be kept cleared.
INTRCPRR
Reset value: 0000 0011 (03h)
7
654
32
10
CK[2:0]
Reserved
R/W
-
Table 10.
INTRCPRR register description
Bit
Name
Function
7:5
CK[2:0]
Internal RC Prescaler Selection
These bits are set by software and cleared by hardware after a reset. These bits
select the prescaler of the internal RC oscillator as follows (see also Figure 9 on
page 32):
000: fOSC =8MHz
001: fOSC =4MHz
010: fOSC =2MHz
011: fOSC =1MHz
100: fOSC = 500 kHz
Notes:
1. If the internal RC is used with a supply operating range below 3.3V, a division
ratio of at least 2 must be enabled in the RC prescaler.
2. Configuration '000' is not allowed at 3.3V operation.
4:0
-
Reserved, must be kept cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com