Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 35Page - STMicroelectronics ST7LUS5 Datasheet HTML 36Page - STMicroelectronics ST7LUS5 Datasheet HTML 37Page - STMicroelectronics ST7LUS5 Datasheet HTML 38Page - STMicroelectronics ST7LUS5 Datasheet HTML 39Page - STMicroelectronics ST7LUS5 Datasheet HTML 40Page - STMicroelectronics ST7LUS5 Datasheet HTML 41Page - STMicroelectronics ST7LUS5 Datasheet HTML 42Page - STMicroelectronics ST7LUS5 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Interrupts
39/124
7.3.1
External interrupt control register 1 (EICR1)
Table 15.
Interrupt mapping
No. Source block
Description
Register label
Priority
order
Exit
from
HALT
Address vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software Interrupt
no
FFFCh-FFFDh
0
AWU
Auto Wake-up Interrupt
AWUCSR
yes(1)
FFFAh-FFFBh
1
ei0
External Interrupt 0
N/A
yes
FFF8h-FFF9h
2
ei1
External Interrupt 1
FFF6h-FFF7h
3
ei2
External Interrupt 2
FFF4h-FFF5h
4
Not used
no
FFF2h-FFF3h
5
ei3
External Interrupt 3
yes
FFF0h-FFF1h
6(2)
ei4(2)
External Interrupt 4(2)
no(2)
FFEEh-FFEFh
7
Not used
no
FFECh-FFEDh
8
AT TIMER
AT TIMER Output Compare Interrupt
PWMxCSR or
ATCSR
no
FFEAh-FFEBh
9
AT TIMER Overflow Interrupt
ATCSR
yes(3)
FFE8h-FFE9h
10
LITE TIMER
LITE TIMER Input Capture Interrupt
LTCSR
no
FFE6h-FFE7h
11
LITE TIMER RTC1 Interrupt
LTCSR
yes(3)
FFE4h-FFE5h
12
Not used
no
FFE2h-FFE3h
13
Not used
no
FFE0h-FFE1h
1.
This interrupt exits the MCU from “Auto Wake-up from Halt” mode only.
2.
This interrupt exits the MCU from “Wait” and “Active Halt” modes only. Moreover, IS4[1:0] = 01 is the only safe
configuration to avoid a spurious interrupt in Halt and AWUFH mode.
3.
These interrupts exit the MCU from “Active Halt” mode only.
EICR1
Reset value: 0000 0000 (00h)
7
654
32
10
Reserved
IS2[1:0]
IS1[1:0]
IS0[1:0]
-
R/W
R/W
R/W
Table 16.
EICR1 register description
Bit
Name
Function
7:6
-
Reserved
5:4
IS2[1:0]
ei2 sensitivity
These bits define the interrupt sensitivity for ei2 according to Table 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com