Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 36Page - STMicroelectronics ST7LUS5 Datasheet HTML 37Page - STMicroelectronics ST7LUS5 Datasheet HTML 38Page - STMicroelectronics ST7LUS5 Datasheet HTML 39Page - STMicroelectronics ST7LUS5 Datasheet HTML 40Page - STMicroelectronics ST7LUS5 Datasheet HTML 41Page - STMicroelectronics ST7LUS5 Datasheet HTML 42Page - STMicroelectronics ST7LUS5 Datasheet HTML 43Page - STMicroelectronics ST7LUS5 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
Interrupts
ST7LUS5, ST7LU05, ST7LU09
40/124
Note:
1
These 8 bits can be written only when the I bit in the CC register is set.
2
Changing the sensitivity of a particular external interrupt clears this pending interrupt. This
can be used to clear unwanted pending interrupts. Refer to section External interrupt
function on page 56.
7.3.2
External interrupt control register 2 (EICR2)
Note:
1
These 8 bits can be written only when the I bit in the CC register is set.
2
Changing the sensitivity of a particular external interrupt clears this pending interrupt. This
can be used to clear unwanted pending interrupts. Refer to section External interrupt
function on page 56.
3
IS4[1:0] = 01 is the only safe configuration to avoid a spurious interrupt in Halt and AWUFH
modes.
3:2
IS1[1:0]
ei1 sensitivity
These bits define the interrupt sensitivity for ei1 according to Table 18.
1:0
IS0[1:0]
ei0 sensitivity
These bits define the interrupt sensitivity for ei0 according to Table 18.
Table 16.
EICR1 register description (continued)
Bit
Name
Function
EICR2
Reset value: 0000 0000 (00h)
7
654
32
10
Reserved
IS4[1:0]
IS3[1:0]
-R/W
R/W
Table 17.
EICR2 register description
Bit
Name
Function
7:4
-
Reserved
3:2
IS4[1:0]
ei4 sensitivity
These bits define the interrupt sensitivity for ei1 according to Table 18.
1:0
IS3[1:0]
ei3 sensitivity
These bits define the interrupt sensitivity for ei0 according to Table 18.
Table 18.
Interrupt sensitivity bits
ISx1
ISx0
External interrupt sensitivity
0
0
Falling edge and low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com