Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 63Page - STMicroelectronics ST7LUS5 Datasheet HTML 64Page - STMicroelectronics ST7LUS5 Datasheet HTML 65Page - STMicroelectronics ST7LUS5 Datasheet HTML 66Page - STMicroelectronics ST7LUS5 Datasheet HTML 67Page - STMicroelectronics ST7LUS5 Datasheet HTML 68Page - STMicroelectronics ST7LUS5 Datasheet HTML 69Page - STMicroelectronics ST7LUS5 Datasheet HTML 70Page - STMicroelectronics ST7LUS5 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
On-chip peripherals
67/124
Lite timer input capture register (LTICR)
10.2
12-bit autoreload timer (AT)
10.2.1
Introduction
The 12-bit Autoreload Timer can be used for general-purpose timing functions. It is based
on a free-running 12-bit up counter with a PWM output channel.
1WDGE
Watchdog enable
This bit is set and cleared by software.
0: Watchdog disabled
1: Watchdog enabled
0WDGD
Watchdog Reset Delay
This bit is set by software. It is cleared by hardware at the end of each tWDG period.
0: Watchdog reset not delayed
1: Watchdog reset delayed
LTICR
Reset value: 0000 0000 (00h)
7
654
32
10
ICR[7:0]
RO
Table 36.
LTICR register description
Bit
Name
Function
7:0
ICR[7:0]
Input Capture Value
These bits are read by software and cleared by hardware after a reset. If the ICF
bit in the LTCSR is cleared, the value of the 8-bit up-counter will be captured when
a rising or falling edge occurs on the LTIC pin.
Table 35.
LTCSR register description (continued)
Bit
Name
Function
Table 37.
Lite timer register map and reset values
Address (Hex.) Register label
7
6543210
0B
LTCSR
Reset value
ICIE
0
ICF
0
TB
0
TBIE
0
TBF
0
WDGRF
x
WDGE
0
WDGD
0
0C
LTICR
Reset value
ICR7
0
ICR6
0
ICR5
0
ICR4
0
ICR3
0
ICR2
0
ICR1
0
ICR0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com