Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 14Page - STMicroelectronics ST7LUS5 Datasheet HTML 15Page - STMicroelectronics ST7LUS5 Datasheet HTML 16Page - STMicroelectronics ST7LUS5 Datasheet HTML 17Page - STMicroelectronics ST7LUS5 Datasheet HTML 18Page - STMicroelectronics ST7LUS5 Datasheet HTML 19Page - STMicroelectronics ST7LUS5 Datasheet HTML 20Page - STMicroelectronics ST7LUS5 Datasheet HTML 21Page - STMicroelectronics ST7LUS5 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 124 page
background image
Flash program memory
ST7LUS5, ST7LU05, ST7LU09
18/124
4
Flash program memory
4.1
Introduction
The ST7 single voltage extended Flash (XFlash) is a non-volatile memory that can be
electrically erased and programmed either on a byte-by-byte basis or up to 32 bytes in
parallel.
The XFlash devices can be programmed off-board (plugged in a programming tool) or on-
board using in-circuit programming or in-application programming.
The array matrix organization allows each sector to be erased and reprogrammed without
affecting other sectors.
4.2
Main features
ICP (in-circuit programming)
IAP (in-application programming)
ICT (in-circuit testing) for downloading and executing user application test patterns in
RAM
Sector 0 size configurable by option byte
Readout and write protection
4.3
Programming modes
The ST7 can be programmed in three different ways:
Insertion in a programming tool - In this mode, Flash sectors 0 and 1 and option byte
row can be programmed or erased.
In-circuit programming - In this mode, Flash sectors 0 and 1 and option byte row can be
programmed or erased without removing the device from the application board.
In-application programming - In this mode, sector 1 can be programmed or erased
without removing the device from the application board and while the application is
running.
4.3.1
In-circuit programming (ICP)
ICP uses a protocol called ICC (in-circuit communication) which allows an ST7 plugged on a
printed circuit board (PCB) to communicate with an external programming device connected
via cable. ICP is performed in three steps:
1.
Switch the ST7 to ICC mode (in-circuit communications). This is done by driving a
specific signal sequence on the ICCCLK/DATA pins while the RESET pin is pulled low.
When the ST7 enters ICC mode, it fetches a specific RESET vector which points to the
ST7 System Memory containing the ICC protocol routine. This routine enables the ST7
to receive bytes from the ICC interface.
2.
Download ICP driver code in RAM from the ICCDATA pin
3.
Execute ICP driver code in RAM to program the Flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com