Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 46Page - STMicroelectronics ST7LUS5 Datasheet HTML 47Page - STMicroelectronics ST7LUS5 Datasheet HTML 48Page - STMicroelectronics ST7LUS5 Datasheet HTML 49Page - STMicroelectronics ST7LUS5 Datasheet HTML 50Page - STMicroelectronics ST7LUS5 Datasheet HTML 51Page - STMicroelectronics ST7LUS5 Datasheet HTML 52Page - STMicroelectronics ST7LUS5 Datasheet HTML 53Page - STMicroelectronics ST7LUS5 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 124 page
background image
Power saving modes
ST7LUS5, ST7LU05, ST7LU09
50/124
Figure 22.
Halt mode flowchart
1.
WDGHALT is an option bit. See option bytes in Section 14.1.1: Flash configuration for more details.
2.
Peripheral clocked with an external clock source can still be active.
3.
Only some specific interrupts can exit the MCU from Halt mode (such as external interrupt). Refer to
Table 15: Interrupt mapping on page 39 for more details.
4.
Before servicing an interrupt, the CC register is pushed on the stack. The I bit of the CC register is set
during the interrupt routine and cleared when the CC register is popped.
5.
The CPU clock must be switched to 1MHz (RC/8) or AWU RC before entering Halt mode.
Halt mode recommendations
●
Make sure that an external event is available to wake up the microcontroller from Halt
mode.
●
When using an external interrupt to wake up the microcontroller, re-initialize the
corresponding I/O as “Input Pull-up with Interrupt” before executing the HALT
HALT INSTRUCTION
RESET
INTERRUPT(3)
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS(2)
IBIT
OFF
OFF
0
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS
IBIT
ON
OFF
X(4)
ON
CPU
OSCILLATOR
PERIPHERALS
IBITS
ON
ON
X(4)
ON
64 CPU CLOCK CYCLE
DELAY(5)
WATCHDOG
ENABLE
DISABLE
WDGHALT(1)
0
WATCHDOG
RESET
1
(Active Halt disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com