Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 60Page - STMicroelectronics ST7LUS5 Datasheet HTML 61Page - STMicroelectronics ST7LUS5 Datasheet HTML 62Page - STMicroelectronics ST7LUS5 Datasheet HTML 63Page - STMicroelectronics ST7LUS5 Datasheet HTML 64Page - STMicroelectronics ST7LUS5 Datasheet HTML 65Page - STMicroelectronics ST7LUS5 Datasheet HTML 66Page - STMicroelectronics ST7LUS5 Datasheet HTML 67Page - STMicroelectronics ST7LUS5 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
On-chip peripherals
ST7LUS5, ST7LU05, ST7LU09
64/124
immediately after reset or else to set the WDGD bit before the WGDE bit so a watchdog
reset will not occur for at least 2ms.
Note:
Software can use the timebase feature to set the WDGD bit at 1 or 2 ms intervals.
A Watchdog reset can be forced at any time by setting the WDGRF bit. To generate a forced
watchdog reset, first watchdog has to be activated by setting the WDGE bit and then the
WDGRF bit has to be set.
The WDGRF bit also acts as a flag, indicating that the Watchdog was the source of the
reset. It is automatically cleared after it has been read.
Caution:
When the WDGRF bit is set, software must clear it, otherwise the next time the watchdog is
enabled (by hardware or software), the microcontroller will be immediately reset.
Hardware Watchdog option
If Hardware Watchdog is selected by option byte, the watchdog is always active and the
WDGE bit in the LTCSR is not used.
Refer to the option byte description in Chapter 14: Device configuration and ordering
information.
Using Halt mode with the Watchdog (option)
If the Watchdog reset on HALT option is not selected by option byte, the Halt mode can be
used when the watchdog is enabled.
In this case, the HALT instruction stops the oscillator. When the oscillator is stopped, the Lite
Timer stops counting and is no longer able to generate a Watchdog reset until the
microcontroller receives an external interrupt or a reset.
If an external interrupt is received, the WDG restarts counting after 64 CPU clocks. If a reset
is generated, the Watchdog is disabled (reset state).
If Halt mode with Watchdog is enabled by option byte (No watchdog reset on HALT
instruction), it is recommended before executing the HALT instruction to refresh the WDG
counter, to avoid an unexpected WDG reset immediately after waking up the microcontroller.
Figure 29.
Watchdog timing diagram
tWDG
fWDG
INTERNAL
WATCHDOG
RESET
WDGD BIT
SOFTWARE SETS
WDGD BIT
HARDWARE CLEARS
WDGD BIT
WATCHDOG RESET
(2ms @ 8 MHz fOSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com