Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 95Page - STMicroelectronics ST7LUS5 Datasheet HTML 96Page - STMicroelectronics ST7LUS5 Datasheet HTML 97Page - STMicroelectronics ST7LUS5 Datasheet HTML 98Page - STMicroelectronics ST7LUS5 Datasheet HTML 99Page - STMicroelectronics ST7LUS5 Datasheet HTML 100Page - STMicroelectronics ST7LUS5 Datasheet HTML 101Page - STMicroelectronics ST7LUS5 Datasheet HTML 102Page - STMicroelectronics ST7LUS5 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Electrical characteristics
99/124
12.6
Memory characteristics
Table 70.
General timings
Symbol
Parameter(1)
1.
Data based on characterization, not tested in production
Conditions
Min
Typ(2)
2.
Data based on typical application software
Max
Unit
tc(INST)
Instruction cycle time
fCPU = 8 MHz
23
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time(3)
tv(IT) = ∆tc(INST) + 10
3.
Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles
needed to finish the current instruction execution.
10
22
tCPU
1.25
2.75
µs
Table 71.
Auto wake-up RC oscillator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(RCAWU) Supply voltage range
3.0
5.0
5.5
V
TA(RCAWU)
Operating temperature range
-40
25
125
°C
IDD(RCAWU) Current consumption
(1)
1.
Data guaranteed by Design
Without prescaler
2.0
8.0
14.0
µA
AWU RC switched off
0
fOSC(RCAWU) Output frequency
(1)
20
33
60
kHz
Table 72.
RAM and hardware registers(1)
1.
TA = -40°C to 125°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode(2)
2.
Minimum VDD supply voltage without losing data stored in RAM (in Halt mode or under RESET) or in
hardware registers (only in Halt mode). Guaranteed by construction, not tested in production.
Halt mode (or RESET)
1.6
V
Table 73.
Flash program memory
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
VDD
Operating voltage for Flash
write/erase
3.0
5.5
V
tprog
Programming time for 1~32
bytes(2)
TA = -40 to +125°C
5
10
ms
Programming time for 1 Kbyte
TA = +25°C
0.16
0.32
s
tRET
Data retention(3)
TA = +55°C
(4)
20
years
NRW
Write/erase cycles
TA = +25°C
10k(5)
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com