Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 98Page - STMicroelectronics ST7LUS5 Datasheet HTML 99Page - STMicroelectronics ST7LUS5 Datasheet HTML 100Page - STMicroelectronics ST7LUS5 Datasheet HTML 101Page - STMicroelectronics ST7LUS5 Datasheet HTML 102Page - STMicroelectronics ST7LUS5 Datasheet HTML 103Page - STMicroelectronics ST7LUS5 Datasheet HTML 104Page - STMicroelectronics ST7LUS5 Datasheet HTML 105Page - STMicroelectronics ST7LUS5 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 124 page
background image
Electrical characteristics
ST7LUS5, ST7LU05, ST7LU09
102/124
12.7.2
Electromagnetic interference (EMI)
Based on a simple application running on the product (toggling two LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm SAE J 1752/3 which specifies the board and the loading of each pin.
12.7.3
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU and DLU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
For more details, refer to the application note AN1181.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). Three
models can be simulated: Human Body Model, Charged Device Model and Machine Model.
This test conforms to the JESD22-A114A/A115A standard.
Static and dynamic latch-up
●
LU: 3 complementary static tests are required on 10 parts to assess the latch-up
performance. A supply overvoltage (applied to each power supply pin) and a current
injection (applied to each input, output and configurable I/O pin) are performed on each
Table 76.
EMI emissions(1)
1.
Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Monitored
frequency band
Max vs.
[fOSC/fCPU]
Unit
-/8 MHz
SEMI
Peak level
VDD =5V, TA = +25°C,
SO8 package,
conforming to SAE J 1752/3
0.1 MHz to 30 MHz
21
dBµV
30 MHz to 130 MHz
23
130 MHz to 1 GHz
10
SAE EMI Level
3
-
Table 77.
Absolute maximum ratings
Symbol
Ratings
Conditions
Maximum value(1)
1.
Data based on characterization results, not tested in production.
Unit
VESD(HBM)
Electrostatic discharge voltage
(Human Body Model)
TA = +25 °C
4000
V
VESD(CDM)
Electrostatic discharge voltage
(Charged Device Model)
750
VESD(MM)
Electrostatic discharge voltage
(Machine Model)
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com