Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 100Page - STMicroelectronics ST7LUS5 Datasheet HTML 101Page - STMicroelectronics ST7LUS5 Datasheet HTML 102Page - STMicroelectronics ST7LUS5 Datasheet HTML 103Page - STMicroelectronics ST7LUS5 Datasheet HTML 104Page - STMicroelectronics ST7LUS5 Datasheet HTML 105Page - STMicroelectronics ST7LUS5 Datasheet HTML 106Page - STMicroelectronics ST7LUS5 Datasheet HTML 107Page - STMicroelectronics ST7LUS5 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 124 page
background image
Electrical characteristics
ST7LUS5, ST7LU05, ST7LU09
104/124
Figure 45.
Two typical applications with unused I/O pin
Figure 46.
Typical IPU vs. VDD with VIN = VSS
3.
The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current
characteristics described in Figure 46).
4.
RPU not applicable on PA3 because it is multiplexed on RESET pin
5.
To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured
as an external interrupt source.
Table 80.
Output driving current(1)
1.
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(2)
2.
The IIO current sunk must always respect the absolute maximum rating specified in Table 62: Current
characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for PA3/RESET
standard I/O pin (see Figure 48)
IIO = +5mA
1200
mV
IIO = +2mA
400
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
(see Figure 50)
IIO = +20mA
1300
IIO = +8mA
750
VOH
(3)(4)
3.
The IIO current sourced must always respect the absolute maximum rating specified in Table 62: Current
characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O
pins do not have VOH.
4.
Not tested in production, based on characterization results.
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 52)
IIO = -5mA
VDD - 1500
IIO = -2mA
VDD -800
10k
UNUSED I/O PORT
ST7XXX
10k
UNUSED I/O PORT
ST7XXX
VDD
Caution: During normal operation the ICCCLK pin must be pulled- up, internally or externally
(external pull-up of 10k mandatory in
This is to avoid entering ICC mode unexpectedly during a reset.
noisy environment).
Note: I/O can be left unconnected if it is configured as output (0 or 1) by the software. This has the advantage of greater EMC
robustness and lower cost.
0
10
20
30
40
50
60
70
80
90
VDD [V]
-45°C
25°C
90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com