Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 103Page - STMicroelectronics ST7LUS5 Datasheet HTML 104Page - STMicroelectronics ST7LUS5 Datasheet HTML 105Page - STMicroelectronics ST7LUS5 Datasheet HTML 106Page - STMicroelectronics ST7LUS5 Datasheet HTML 107Page - STMicroelectronics ST7LUS5 Datasheet HTML 108Page - STMicroelectronics ST7LUS5 Datasheet HTML 109Page - STMicroelectronics ST7LUS5 Datasheet HTML 110Page - STMicroelectronics ST7LUS5 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Electrical characteristics
107/124
Figure 53.
Typical VOL vs. VDD (standard I/Os)
Figure 54.
Typical VOL vs. VDD (HS pins)
Figure 55.
Typical VDD -VOH vs. VDD (HS pins)
0
50
100
150
200
250
300
350
400
450
500
2.4
3
3.4
4
4.4
5
5.4
6
VDD [V}
-45°C
25°C
90°C
0
50
100
150
200
250
300
350
400
450
500
2.4
3
3.4
4
4.4
5
5.4
6
Vdd [V]
-45°C
25°C
90°C
0
100
200
300
400
500
600
700
800
900
2.433.444.455.4
6
Vdd [V]
-45°C
25°C
90°C
0
20
40
60
80
100
120
140
160
180
2.4
3
3.4
4
4.4
5
5.4
6
VDD [V]
-45°C
25°C
90°C
0
100
200
300
400
500
600
2.433.4
44.455.4
6
VDD [V]
-45°C
25°C
90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com