Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 106Page - STMicroelectronics ST7LUS5 Datasheet HTML 107Page - STMicroelectronics ST7LUS5 Datasheet HTML 108Page - STMicroelectronics ST7LUS5 Datasheet HTML 109Page - STMicroelectronics ST7LUS5 Datasheet HTML 110Page - STMicroelectronics ST7LUS5 Datasheet HTML 111Page - STMicroelectronics ST7LUS5 Datasheet HTML 112Page - STMicroelectronics ST7LUS5 Datasheet HTML 113Page - STMicroelectronics ST7LUS5 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 124 page
background image
Electrical characteristics
ST7LUS5, ST7LU05, ST7LU09
110/124
12.10
10-bit ADC characteristics
Figure 58.
Typical application with ADC
Table 82.
10-bit ADC characteristics(1)
Symbol
Parameter
Conditions
Min
Typ(2)
Max
Unit
fADC
ADC clock frequency
4
MHz
VAIN
Conversion voltage range(3)
VSSA
VDDA
V
RAIN
External input resistor
VDD = 5V, fADC =4 MHz
8k(4)
Ω
VDD = 3.3V, fADC =4MHz
7k(4)
CADC
Internal sample and hold capacitor
3
pF
tSTAB
Stabilization time after ADC enable
fCPU = 8 MHz, fADC = 4 MHz
0(5)
µs
tADC
Conversion time (Sample+Hold)
3.5
Sample capacitor loading time
4
1/fADC
Hold conversion time
10
1.
Subject to general operating condition for VDD, fOSC, and TA unless otherwise specified.
2.
Unless otherwise specified, typical data are based on TA = 25°C and VDD -VSS = 5V. They are given only as design
guidelines and are not tested.
3.
When VDDA and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
4.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
5.
The stabilization time of the A/D converter is masked by the first tLOAD. The first conversion after the enable is then always
valid.
AINx
ST7LUxx
VDD
IL
±1µA
VT
0.6V
VT
0.6V
CADC
VAIN
RAIN
10-bit A/D
Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com