Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 33Page - STMicroelectronics ST7LUS5 Datasheet HTML 34Page - STMicroelectronics ST7LUS5 Datasheet HTML 35Page - STMicroelectronics ST7LUS5 Datasheet HTML 36Page - STMicroelectronics ST7LUS5 Datasheet HTML 37Page - STMicroelectronics ST7LUS5 Datasheet HTML 38Page - STMicroelectronics ST7LUS5 Datasheet HTML 39Page - STMicroelectronics ST7LUS5 Datasheet HTML 40Page - STMicroelectronics ST7LUS5 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Interrupts
37/124
7
Interrupts
The ST7 core may be interrupted by one of two different methods: Maskable hardware
interrupts as listed in Table 15: Interrupt mapping on page 39 and a non-maskable software
interrupt (TRAP). The interrupt processing flowchart is shown in Figure 13.
The maskable interrupts must be enabled by clearing the I bit in order to be serviced.
However, disabled interrupts may be latched and processed when they are enabled (see
Section 7.2: External interrupts).
Note:
After reset, all interrupts are disabled.
When an interrupt has to be serviced:
Normal processing is suspended at the end of the current instruction execution.
The PC, X, A and CC registers are saved onto the stack.
The I bit of the CC register is set to prevent additional interrupts.
The PC is then loaded with the interrupt vector of the interrupt to service and the first
instruction of the interrupt service routine is fetched (refer to Table 15: Interrupt
mapping for vector addresses).
The interrupt service routine should finish with the IRET instruction which causes the
contents of the saved registers to be recovered from the stack.
Note:
As a consequence of the IRET instruction, the I bit is cleared and the main program
resumes.
Priority management
By default, a servicing interrupt cannot be interrupted because the I bit is set by hardware
entering in interrupt routine.
In the case when several interrupts are simultaneously pending, an hardware priority
defines which one will be serviced first (see Table 15: Interrupt mapping).
Interrupts and Low Power mode
All interrupts allow the processor to leave the Wait low power mode. Only external and
specifically mentioned interrupts allow the processor to leave the Halt low power mode (refer
to the “Exit from HALT” column in Table 15: Interrupt mapping).
7.1
Non-maskable software interrupt
This interrupt is entered when the TRAP instruction is executed regardless of the state of
the I bit. It is serviced according to the flowchart in Figure 13.
7.2
External interrupts
External interrupt vectors can be loaded into the PC register if the corresponding external
interrupt occurred and if the I bit is cleared. These interrupts allow the processor to leave the
Halt low power mode.
The external interrupt polarity is selected through the miscellaneous register or interrupt
register (if available).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com