Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 99Page - STMicroelectronics ST7LUS5 Datasheet HTML 100Page - STMicroelectronics ST7LUS5 Datasheet HTML 101Page - STMicroelectronics ST7LUS5 Datasheet HTML 102Page - STMicroelectronics ST7LUS5 Datasheet HTML 103Page - STMicroelectronics ST7LUS5 Datasheet HTML 104Page - STMicroelectronics ST7LUS5 Datasheet HTML 105Page - STMicroelectronics ST7LUS5 Datasheet HTML 106Page - STMicroelectronics ST7LUS5 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Electrical characteristics
103/124
sample. This test conforms to the EIA/JESD 78 IC latch-up standard. For more details,
refer to the application note AN1181.
●
DLU: Electrostatic discharges (one positive then one negative test) are applied to each
pin of three samples when the micro is running to assess the latch-up performance in
dynamic mode. Power supplies are set to the typical values, the oscillator is connected
as near as possible to the pins of the micro and the component is put in reset mode.
This test conforms to the IEC1000-4-2 and SAEJ1752/3 standards. For more details,
refer to the application note AN1181.
12.8
I/O port pin characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Table 78.
Electrical sensitivities
Symbol
Parameter
Conditions
Class(1)
1.
Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the
JEDEC specifications, meaning that when a device belongs to Class A it exceeds the JEDEC standard. B
Class strictly covers all the JEDEC criteria (international standard).
LU
Static latch-up class
TA = +125°C
A
DLU
Dynamic latch-up class
VDD = 5.5V, fOSC = 4 MHz, TA = +25°C
A
Table 79.
General characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
-40°C to 125°C
0.3VDD
V
VIH
Input high level voltage
0.7VDD
Vhys
Schmitt trigger voltage
hysteresis(1)
1.
Data based on characterization results, not tested in production
400
mV
IL
Input leakage current
VSS < VIN < VDD
±1
µA
IS
Static current consumption
induced by each floating
input pin(2)
2.
Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of
the I/O for example or an external pull-up or pull-down resistor (see Figure 48). Static peak current value
taken at a fixed VIN value, based on design simulation and technology characteristics, not tested in
production. This value depends on VDD and temperature values.
Floating input mode
400
RPU
Weak pull-up equivalent
resistor(3)(4)
VIN =VSS
VDD = 5V
80
120
170
k
Ω
VDD = 3.3V
200(1)
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall
time(1)
CL = 50 pF
Between 10% and 90%
25
ns
tr(IO)out
Output low to high level rise
time(1)
25
tw(IT)in
External interrupt pulse
time(5)
1tCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com